データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC9325F データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TC9325F
部品情報  Single-Chip DTS Microcontroller (DTS-20)
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9325F データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TC9325F Datasheet HTML 6Page - Toshiba Semiconductor TC9325F Datasheet HTML 7Page - Toshiba Semiconductor TC9325F Datasheet HTML 8Page - Toshiba Semiconductor TC9325F Datasheet HTML 9Page - Toshiba Semiconductor TC9325F Datasheet HTML 10Page - Toshiba Semiconductor TC9325F Datasheet HTML 11Page - Toshiba Semiconductor TC9325F Datasheet HTML 12Page - Toshiba Semiconductor TC9325F Datasheet HTML 13Page - Toshiba Semiconductor TC9325F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
TC9325F
2002-05-14
10
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
94
XOUT2
95
XIN2
75 kHz crystal
oscillator pins
97
XOUT1
98
XIN1
4.5 MHz crystal
oscillator pins
Crystal oscillator pins.
Connect a 4.5 MHz crystal (Ci
= Co =
30 pF typ.) to XIN1 and XOUT1 and a
75 kHz crystal (Ci
= Co = 30 pF typ.)
to XIN2 and XOUT2.
Two different types of crystal
resonators (4.5 MHz and 75 kHz) can
be connected, or simply connect one
(4.5 MHz or 75 kHz). Note that if a 75
kHz crystal only is connected, XIN1
must be fixed to GND level. If both 4.5
MHz and 75 kHz crystal oscillators are
connected, after a reset the CPU
operates on the 4.5 MHz crystal
oscillator clock. The clock can be
readily switched by software between
the CPU operating clock and the
peripheral clock.
Oscillation stops during execution of
the CKSTP instruction.
100
VEE
LCD driver bias
voltage output pin
This is the bias voltage output pin for
the LCD driver.
76
96
VDD
41
55
72
93
GND
39
VDD1
99
GND1
Power supply pins
Pins used for supplying power.
The pins supply VDD = 3.0 to 3.6 V.
In backup state (when execution of
the CKSTP instruction), current
dissipation becomes low (10
µA max),
dropping the power supply voltage to
2.0 V.
If 3.0 V or more is applied to these
pins when the voltage is 0 V, a system
reset is applied to the device and the
program starts from address 0
(power-on reset).
Note: To operate the power-on reset,
allow 10 to 100 ms while the
device power supply voltage
rises.
56
VDD2
Power supply pins
For I/O Port4,5
Pins used for supplying power for I/O
port 4,5.The pins supply VDD = VDD
to 5.5 V.
72
93
NC
No connection
No connection
VDD
RfXT1
ROUT1
XIN1
XOUT1
VDD
RfXT2
ROUT2
XIN2
XOUT2
VDD
GND
VDD2


同様の部品番号 - TC9325F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC9320F TOSHIBA-TC9320F Datasheet
631Kb / 15P
   TOSHIBA CMOS DIGITAL INTERGRATED CIRCUIT SILICON MONOLITHIC
TC9320F-001 TOSHIBA-TC9320F-001 Datasheet
151Kb / 4P
   DDTS-1:DIGITAL TUNER SYSTEM
TC9321 TOSHIBA-TC9321 Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
TC9321F-003 TOSHIBA-TC9321F-003 Datasheet
207Kb / 4P
   DIGITAL TUNING SYSTEM
More results

同様の説明 - TC9325F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
   Single-Chip DTS Microcontroller (DTS-20)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com