データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZ74HC174A データシート(PDF) 5 Page - Integral Corp.

部品番号 IZ74HC174A
部品情報  Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74HC174A データシート(HTML) 5 Page - Integral Corp.

  IZ74HC174A Datasheet HTML 1Page - Integral Corp. IZ74HC174A Datasheet HTML 2Page - Integral Corp. IZ74HC174A Datasheet HTML 3Page - Integral Corp. IZ74HC174A Datasheet HTML 4Page - Integral Corp. IZ74HC174A Datasheet HTML 5Page - Integral Corp. IZ74HC174A Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IN74HC174A
5
INTEGRAL
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Test Circuit
EXPANDED LOGIC DIAGRAM
RESET
Q
tPHL
V
V
CC
CC
GND
GND
50%
50%
50%
t rec
CLOCK
tw
VCC
GND
90%
90%
50%
50%
10%
10%
t
t
t
t
t
t
f
r
PLH
TLH
PHL
THL
t w
1/fmax
CLOCK
Q
DEVICE
UNDER
TEST
OUTPUT
CL
*
TEST POINT
50%
50%
t
V
V
CC
CC
GND
GND
tsu
h
VALID
DATA
CLOCK


同様の部品番号 - IZ74HC174A

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ74HC157A INTEGRAL-IZ74HC157A Datasheet
62Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer
More results

同様の説明 - IZ74HC174A

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC174A MOTOROLA-MC54HC174A Datasheet
210Kb / 6P
   Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC174 INTEGRAL-IN74AC174 Datasheet
133Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC174 IKSEMICON-IN74AC174 Datasheet
185Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com