データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN12ACMLX データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FIN12ACMLX
部品情報  Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12ACMLX データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN12ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 13Page - Fairchild Semiconductor FIN12ACMLX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Preliminary
www.fairchildsemi.com
10
Application Mode Diagrams (Continued)
FIGURE 10. Multiple Units, Unidirectional Signals in Each Direction
FIGURE 11. 8-Bit Camera Interface (10MHz to 30MHz Parallel Operation)
Figure shows an 8-bit LCD Interface with VSYNC/HSYNC
capability. This interface is a very straightforward in imple-
menting the
PSerDes devices. Note that two additional
data bits are still available for implementing additional data
bits or control signals.
Figure shows an application for a camera interface for a
flip phone using the FIN12AC. For this application the ref-
erence clock is generated on the baseband side of the flip
and passed across the SerDes pair differentially. This sig-
nal is then reconverted to a single ended signal for use as
a reference clock by the imager. For some applications it
may be possible to connect the REFCK directly to the
CKREF signal of the FIN12AC serializer.


同様の部品番号 - FIN12ACMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results

同様の説明 - FIN12ACMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com