データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

RJF36060U63AE1 データシート(PDF) 2 Page - Schneider Electric

部品番号. RJF36060U63AE1
部品情報  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 600A, 3P, 25kA
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RJF36060U63AE1 Datasheet(HTML) 2 Page - Schneider Electric

  RJF36060U63AE1 データシート HTML 1Page - Schneider Electric RJF36060U63AE1 データシート HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UL Listed
Ordering and shipping details
Category
01245-RG,H,J,K,L,N UNIT MT BREAKERS
Discount Schedule
DE2
Package weight(Lbs)
52.00 lb(US) (23.587 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: DINP, which is known to the State
of California to cause cancer, and DIDP, which is known to the State of California to cause birth
defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
PVC free
Yes
Halogen content performance
Halogen free plastic parts product
Contractual warranty
Warranty
18 months
2


Html ページ

1  2 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn