データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

RJF36060U63AE1 データシート(PDF) 1 Page - Schneider Electric

部品番号. RJF36060U63AE1
部品情報  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 600A, 3P, 25kA
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RJF36060U63AE1 Datasheet(HTML) 1 Page - Schneider Electric

  RJF36060U63AE1 データシート HTML 1Page - Schneider Electric RJF36060U63AE1 データシート HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
RJF36060U63AE1
POWERPACT R-FRAME, MOLDED CASE
CIRCUIT BREAKER, 600V, 600A, 3P, 25kA
Price* : 31,097.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact R
Current sensor rating range
600 A
Trip unit technology
Electronic, power, Micrologic 5.0 P, LSI
Complementary
[Ie] rated operational current
600 A
[Ue] rated operational voltage
600 V AC
Mounting mode
Unit mount
Poles description
3P
Breaking capacity
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
Breaking capacity code
J
Continuous current rating
80 %
Electrical connection
Busbar connection line
Busbar connection load
Height
16.24 in (412.50 mm)
Width
16.53 in (419.86 mm)
Depth
14.49 in (368.05 mm)
Communication interface
Modbus
Tightening torque
601.85 lbf.in (68 N.m) 0.08…0.62 in² (50…400 mm²) AWG 1/0...750 kcmil)
601.85 lbf.in (68 N.m) 0.08…0.23 in² (50…150 mm²) AWG 1/0...300 kcmil)
Environment
Product certifications
IEC
CSA
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 12, 2020
1


Html ページ

1  2 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn