データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE310G4BPI71 データシート(PDF) 3 Page - Silicom Ltd.

部品番号 PE310G4BPI71
部品情報  Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4BPI71 データシート(HTML) 3 Page - Silicom Ltd.

  PE310G4BPI71 Datasheet HTML 1Page - Silicom Ltd. PE310G4BPI71 Datasheet HTML 2Page - Silicom Ltd. PE310G4BPI71 Datasheet HTML 3Page - Silicom Ltd. PE310G4BPI71 Datasheet HTML 4Page - Silicom Ltd. PE310G4BPI71 Datasheet HTML 5Page - Silicom Ltd. PE310G4BPI71 Datasheet HTML 6Page - Silicom Ltd. PE310G4BPI71 Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Host Interface:
PCI Express X8 lanes
Support PCI Express Base Specification 3.0 (8GT/s)
Technical Specifications
Bypass Specifications
WDT Interval (Software
Programmable):
3,276,800 mSec (3,276.8 Sec): Maximum
100 mSec ( 0.1 Sec) : Minimum
WDT Interval = (2^wdt_interval_parameter)*(0.1) sec.
wdt_interval_parameter: { Valid Range: 0-15}
– SR: Fiber 10GBASE-SR Technical Specifications
IEEE Standard / Network
topology:
Fiber 10 Gigabit Ethernet, 10GBase-SR (850nm)
Data Transfer Rate:
10.3125GBd
Cables and Operating distance:
Up to:
Multimode fiber:
62.5um, 160MHz/Km 13m*
62.5um, (OM1)200MHz/Km 16.5m *
50um, 400MHz/Km 66m
50um, (OM2)500 MHz/Km 82m
50um, (OM3)2000MHz/Km 300m
* Defined as half as the distance as specified in the optical transceiver
Optical Output Power:
Normal Mode (Bypass Off):
Minimum: -7.3 dBm
Optical Receive Sensitivity:
Normal Mode (Bypass Off)
Maximum: -11 dBm
Insertion Loss:
Bypass Mode:
Insertion loss
Maximum 1.6 dB
– LR: Fiber 10GBASE-LR Technical Specifications
IEEE Standard / Network
topology:
Fiber 10Gigabit Ethernet, 10GBASE-LR (1310nm)


同様の部品番号 - PE310G4BPI71

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE310G4BPI40 SILICOM-PE310G4BPI40 Datasheet
635Kb / 7P
   Quad port Copper 10 Gigabit Ethernet PCI Express Bypass Server
PE310G4BPI40-T-SD SILICOM-PE310G4BPI40-T-SD Datasheet
635Kb / 7P
   Quad port Copper 10 Gigabit Ethernet PCI Express Bypass Server
PE310G4BPI9 SILICOM-PE310G4BPI9 Datasheet
818Kb / 10P
   Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
PE310G4BPI9-LR-SD SILICOM-PE310G4BPI9-LR-SD Datasheet
818Kb / 10P
   Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
PE310G4BPI9-LRD-SD SILICOM-PE310G4BPI9-LRD-SD Datasheet
818Kb / 10P
   Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
More results

同様の説明 - PE310G4BPI71

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE2G4BPFI35A SILICOM-PE2G4BPFI35A Datasheet
787Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPFI80 SILICOM-PE2G4BPFI80 Datasheet
531Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE210G2BPI9 SILICOM-PE210G2BPI9 Datasheet
812Kb / 10P
   Dual Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
PE310G4SPI9 SILICOM-PE310G4SPI9 Datasheet
374Kb / 6P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE310G4SPI9LA SILICOM-PE310G4SPI9LA Datasheet
505Kb / 8P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE210G4SPI9 SILICOM-PE210G4SPI9 Datasheet
436Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
   Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPI80 SILICOM-PE2G4BPI80 Datasheet
723Kb / 6P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPI35A SILICOM-PE2G4BPI35A Datasheet
843Kb / 7P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPI35LA SILICOM-PE2G4BPI35LA Datasheet
772Kb / 7P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com