データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE310G4I71L データシート(PDF) 5 Page - Silicom Ltd.

部品番号 PE310G4I71L
部品情報  Quad Port Fiber SFP 10 Gigabit Ethernet PCI Express Server Adapter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4I71L データシート(HTML) 5 Page - Silicom Ltd.

  PE310G4I71L Datasheet HTML 1Page - Silicom Ltd. PE310G4I71L Datasheet HTML 2Page - Silicom Ltd. PE310G4I71L Datasheet HTML 3Page - Silicom Ltd. PE310G4I71L Datasheet HTML 4Page - Silicom Ltd. PE310G4I71L Datasheet HTML 5Page - Silicom Ltd. PE310G4I71L Datasheet HTML 6Page - Silicom Ltd. PE310G4I71L Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page 5
(10G):
Maximum: -12.5 dBm
Maximum Input Power (10G):
Maximum: +0.5dBm
Operating Systems Support
Operating system support:
Windows
Linux
FreeBSD
VMware
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0 ( 8 GTs)
Board Size:
Low profile short add-
in card: 165.15mm X 64.39mm (6.502”X 2.535”)
PCI Express Card Type:
X8 Lane
On Board Connector Voltage
+12V +/-8%
PCI Connector:
X8 Lane
Controller:
Intel® FTXL710BM1
Holder:
Metal Bracket
Weight:
240 g
Power Consumption (SR):
6W, 0.5A at 12V: Typical all ports operate at 10Gb/s,
6W, 0.5A at 12V: Typical No link at all ports
Power Consumption (LR):
6.24W, 0.52A at 12V: Typical all ports operate at 10Gb/s, 6.24W, 0.52A at 12V: Typical No link
at all ports
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Air Flow Requirements:
200 ft./min
Storage:
-40°C
–65°C (-40°F–149°F)
EMC Certifications:
FCC Part 15, Subpart B Class A
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Class A Amendments A1: 2000; A2: 2003
Conducted Emissions
Radiated Emissions
CE EN 55024: 1998 Amendements A1: 2000; A2: 2003
Immunity for ITE Amendment A1: 2001
CE EN 61000-3-2 2000, Class A
Harmonic Current Emissions
CE EN 61000 3-3 1995, Amendement A1: 2001
Voltage Fluctuations and Flicker
CE IEC 6100-4-2: 1995
ESD Air Discharge 8kV. Contact Discharge 4kV.
CE IEC 6100-4-3:1995


同様の部品番号 - PE310G4I71L

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE310G4I40 SILICOM-PE310G4I40 Datasheet
333Kb / 4P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE310G4I40-T SILICOM-PE310G4I40-T Datasheet
333Kb / 4P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
More results

同様の説明 - PE310G4I71L

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE310G4SPI9 SILICOM-PE310G4SPI9 Datasheet
374Kb / 6P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE310G4SPI9LA SILICOM-PE310G4SPI9LA Datasheet
505Kb / 8P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE210G4SPI9 SILICOM-PE210G4SPI9 Datasheet
436Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE2G4SFPI35L SILICOM-PE2G4SFPI35L Datasheet
456Kb / 6P
   Quad Port SFP Gigabit Ethernet PCI Express Server Adapter
PE2G4SFPI80 SILICOM-PE2G4SFPI80 Datasheet
420Kb / 6P
   Quad Port SFP Gigabit Ethernet PCI Express Server Adapter
PE2G4SFPI80L SILICOM-PE2G4SFPI80L Datasheet
457Kb / 6P
   Quad Port SFP Gigabit Ethernet PCI Express Server Adapter
PE310G4BPI71 SILICOM-PE310G4BPI71 Datasheet
803Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
M1E310G4I71 SILICOM-M1E310G4I71 Datasheet
404Kb / 8P
   Quad Port Fiber SFP 10 Gigabit Ethernet Express Module Server Adapter
PE2G4BPFI35A SILICOM-PE2G4BPFI35A Datasheet
787Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPFI80 SILICOM-PE2G4BPFI80 Datasheet
531Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com