データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE310G6SPI9 データシート(PDF) 5 Page - Silicom Ltd.

部品番号 PE310G6SPI9
部品情報  Six Port Fiber SFP 10 Gigabit Ethernet PCI Express Network Interface Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G6SPI9 データシート(HTML) 5 Page - Silicom Ltd.

  PE310G6SPI9 Datasheet HTML 1Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 2Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 3Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 4Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 5Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 6Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 7Page - Silicom Ltd. PE310G6SPI9 Datasheet HTML 8Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
topology:
1000Base-LX / 10GBase-LR
SFP+:
Data Transfer Rate:
10.3125GBd / 1.25GBd
1000Base-LX / 10GBase-LR
SFP+:
Cables and Operating distance
Up to:
10000Base-LX:
Single-Mode: 5000m at 9um
10GBase-LR:
Single-Mode: 10000m at 9um
-SRD: Fiber 1000BASE-SX / 10GBASE-SR Technical Specifications:
Optical Output Power (1G):
Minimum: -9.5 dBm
Optical Receive Sensitivity
(1G):
Maximum: -17 dBm
Maximum Input Power (1G):
Maximum: +0.5dBm
Output Transmit Power (10G):
Minimum: -5 dBm
Optical Receive Sensitivity
(10G):
Maximum: -11.1 dBm
Maximum Input Power (10G):
Maximum: +0.5dBm
-LRD: Fiber 1000BASE-LX / 10GBASE-LR Technical Specifications:
Optical Output Power (1G):
Minimum: -11 dBm
Optical Receive Sensitivity
(1G):
Maximum: -19 dBm
Maximum Input Power (1G):
Maximum: +0.5dBm
Output Transmit Power (10G):
Minimum: -8.2 dBm
Optical Receive Sensitivity
(10G):
Maximum: -12.5 dBm
Maximum Input Power (10G):
Maximum: +0.5dBm


同様の部品番号 - PE310G6SPI9

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE310G2BPI71 SILICOM-PE310G2BPI71 Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2BPI71-LR SILICOM-PE310G2BPI71-LR Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2BPI71-SR SILICOM-PE310G2BPI71-SR Datasheet
418Kb / 7P
   Dual Port Fiber 10 Gigabit Intel짰 XL710BM1 Based
PE310G2I50 SILICOM-PE310G2I50 Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE310G2I50-T SILICOM-PE310G2I50-T Datasheet
473Kb / 4P
   Dual Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
More results

同様の説明 - PE310G6SPI9

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE2G6SFPI35 SILICOM-PE2G6SFPI35 Datasheet
402Kb / 5P
   Six Port SFP Gigabit Ethernet PCI Express Server Adapter
M1E310G6I71 SILICOM-M1E310G6I71 Datasheet
445Kb / 8P
   Six Ports Fiber SFP 10 Gigabit Ethernet Express Module
PE310G2I71 SILICOM-PE310G2I71 Datasheet
497Kb / 7P
   10 Gigabit Ethernet Card Dual Port Fiber SFP Network Interface Card
PE2G4I35L SILICOM-PE2G4I35L Datasheet
570Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Network Interface Card
PE310G4I71L SILICOM-PE310G4I71L Datasheet
330Kb / 7P
   Quad Port Fiber SFP 10 Gigabit Ethernet PCI Express Server Adapter
M1E310G4SPI9 SILICOM-M1E310G4SPI9 Datasheet
413Kb / 9P
   Quad Port Fiber SFP 10 Gigabit Ethernet Express Module
logo
Level One
GNC-0100 LVL1-GNC-0100 Datasheet
367Kb / 3P
   Gigabit Fiber PCI Network Card, SFP
logo
Silicom Ltd.
FB2XGHH SILICOM-FB2XGHH Datasheet
326Kb / 3P
   Dual SFP Port 1/10 Gigabit Ethernet PCI Express FPGA Card
PE210G1SPI9A SILICOM-PE210G1SPI9A Datasheet
352Kb / 9P
   Single Port SFP 10 Gigabit Ethernet PCI Express Server Adapter
PE310G2SPB32 SILICOM-PE310G2SPB32 Datasheet
556Kb / 5P
   Dual port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com