データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE325G4I71L データシート(PDF) 3 Page - Silicom Ltd.

部品番号 PE325G4I71L
部品情報  Quad Port 25G Ethernet PCIe Server Adapter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE325G4I71L データシート(HTML) 3 Page - Silicom Ltd.

  PE325G4I71L Datasheet HTML 1Page - Silicom Ltd. PE325G4I71L Datasheet HTML 2Page - Silicom Ltd. PE325G4I71L Datasheet HTML 3Page - Silicom Ltd. PE325G4I71L Datasheet HTML 4Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
25GBase-SR SFP28:
IEEE Standard / Network
topology:
Fiber 25Gigabit Ethernet, 25GBASE-SR (850nM LAN PHY).
25GBase-SR SFP28:
Data Transfer Rate :
25.78125Gbps
25GBase-LR SFP28:
IEEE Standard / Network
topology:
Fiber 25Gigabit Ethernet, 25GBASE-LR (1310nM LAN PHY)
25GBase-LR SFP28:
Data Transfer Rate:
25.78125Gbps
25GBase-LR SFP28:
Cables and Operating distance
Up to:
Single-Mode: 10000m at 9um
-ZS: Fiber 25GBASE-SR Technical Specifications:
Output Transmit Power (25G):
Minimum: -1.42 dBm
Optical Receive Sensitivity
(25G):
Maximum: -5.98 dBm
Operating Systems Support
Operating system support:
Windows
Linux
FreeBSD
VMware
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0 ( 8 GTs)
Board Size:
Half height
– Half Length add-in card:
165.15mm X 64.39mm (6.502”X 2.535”)
PCI Express Card Type:
X8 Lane (PCIe bifurcation 2×4)
On Board Connector Voltage:
+12V +/-8%
PCI Connector:
Gold Finger: X8 Lane, PCIe bifurcation 2×4
Controllers:
Intel XXV710-AM2
Holder:
Metal Bracket
Power Consumption:
Chipset (without transceivers): Max 19W
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Air Flow Requirements:
200 ft./min
Storage:
-40°C
–65°C (-40°F–149°F)


同様の部品番号 - PE325G4I71L

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE325G2DSIR SILICOM-PE325G2DSIR Datasheet
504Kb / 9P
   Dual Port Fiber 25/10G Ethernet PCIe Director Server Adapter
PE325G2DSIR-LR SILICOM-PE325G2DSIR-LR Datasheet
504Kb / 9P
   Dual Port Fiber 25/10G Ethernet PCIe Director Server Adapter
PE325G2DSIR-SR SILICOM-PE325G2DSIR-SR Datasheet
504Kb / 9P
   Dual Port Fiber 25/10G Ethernet PCIe Director Server Adapter
PE325G2DSIR-XR SILICOM-PE325G2DSIR-XR Datasheet
504Kb / 9P
   Dual Port Fiber 25/10G Ethernet PCIe Director Server Adapter
PE325G2DSIR-ZL SILICOM-PE325G2DSIR-ZL Datasheet
504Kb / 9P
   Dual Port Fiber 25/10G Ethernet PCIe Director Server Adapter
More results

同様の説明 - PE325G4I71L

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
P4CG2I81 SILICOM-P4CG2I81 Datasheet
353Kb / 4P
   Dual port 100G Ethernet PCIe Gen 4.0 Server Adapter
logo
Advantech Co., Ltd.
PCIE-1131 ADVANTECH-PCIE-1131 Datasheet
346Kb / 1P
   Quad Port Fiber Gigabit Ethernet PCIE Express Server Adapter with Intel® I350
22-Dec-2022
logo
Silicom Ltd.
PE325G2DSIR SILICOM-PE325G2DSIR Datasheet
504Kb / 9P
   Dual Port Fiber 25/10G Ethernet PCIe Director Server Adapter
PE31640G4QI71 SILICOM-PE31640G4QI71 Datasheet
383Kb / 5P
   Quad Port Fiber 40G Ethernet PCI Express Server Adapter
M1E2G4SPI35 SILICOM-M1E2G4SPI35 Datasheet
431Kb / 6P
   Quad Port SFP Gigabit Ethernet Express Module Server Adapter
M1E2G4I80 SILICOM-M1E2G4I80 Datasheet
390Kb / 5P
   Quad Port Copper Gigabit Ethernet Express Module Server Adapter
M1E2G4I35 SILICOM-M1E2G4I35 Datasheet
415Kb / 5P
   Quad Port Copper Gigabit Ethernet Express Module Server Adapter
PE2G4SFPI80L SILICOM-PE2G4SFPI80L Datasheet
457Kb / 6P
   Quad Port SFP Gigabit Ethernet PCI Express Server Adapter
PE2G4B19L SILICOM-PE2G4B19L Datasheet
448Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE310G4BPI9 SILICOM-PE310G4BPI9 Datasheet
818Kb / 10P
   Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com