データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE3100G2DQIR データシート(PDF) 2 Page - Silicom Ltd.

部品番号 PE3100G2DQIR
部品情報  Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE3100G2DQIR データシート(HTML) 2 Page - Silicom Ltd.

  PE3100G2DQIR Datasheet HTML 1Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 2Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 3Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 4Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 5Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 6Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 7Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 8Page - Silicom Ltd. PE3100G2DQIR Datasheet HTML 9Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Key Features
Content Aware Director:
Provides intelligent packet redirection capability where rules specify which packets are directed to the host system
and which packets are directed to the other port (Bypass)
Provides intelligent packet redirection capability where all packets are directed to the other port (Bypassed) and
rules that specify which packets are copied to the host system (TAP)
Provides intelligent packet filtering / drop capability where rules specify which packets are directed to the host or
dropped
Provides redirection rules that can be defined using source IP/ destination IP / Source Port / Destination Port /
VLAN tuples
Redirection and packet filtering / drop are performed by the hardware itself in wire speed and do not require any
software and CPU host system power processing
Intelligent redirect mechanism is controllable via software
Intelligent routing mechanism is controllable via software
Support 2x100G / QSFP28 ports
100G QSFP28 Ports support 100GBase-SR4 and 100GBase-LR4
40G QSFP28 Ports support 40GBase-SR4 and 40GBase-LR4
Common Key features:
Host Interface:
PCI Express X16 lane
Support PCI Express Base Specification Revision 3.0, 8GT/s, 5GT/s or 2.5GT/s
Intel FM10420 Features:
Single-element 4MB shared memory
L2/L3/L4/OpenFlow forwarding & ACLs
Stateless load balancing to CPUs
Datacenter Bridging (lossless Ethernet)
32K 40-bit TCAM entries
16K MAC & NextHop tables
Up to 300Gbps High-bandwidth CPU interface
2x 50Gbps 8-lane PCIe interfaces
4x 25Gbps 4-lane PCIe interfaces
Up to 8 25G/10G/2.5G/1G ports
Up to 2 40G (4 x 10G)
usa.com
-
www.silicom


同様の部品番号 - PE3100G2DQIR

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QL4 SILICOM-PE3100G2DQIR8-QL4 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QS41 SILICOM-PE3100G2DQIR8-QS41 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QS43 SILICOM-PE3100G2DQIR8-QS43 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QX4 SILICOM-PE3100G2DQIR8-QX4 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
More results

同様の説明 - PE3100G2DQIR

メーカー部品番号データシート部品情報
logo
Silicom Ltd.
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRL SILICOM-PE3100G2DQIRL Datasheet
644Kb / 9P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRM SILICOM-PE3100G2DQIRM Datasheet
971Kb / 12P
   Dual port Fiber 40/100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE340G2DBIR SILICOM-PE340G2DBIR Datasheet
744Kb / 12P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Content Director Bypass Server Adapter
PE31625G24DIRA SILICOM-PE31625G24DIRA Datasheet
685Kb / 5P
   Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
PE310G4DBIR SILICOM-PE310G4DBIR Datasheet
794Kb / 12P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
PE2G2FI35 SILICOM-PE2G2FI35 Datasheet
572Kb / 5P
   Dual Port Fiber Gigabit Ethernet PCI Express Server Adapter
PE3100G2DBIR SILICOM-PE3100G2DBIR Datasheet
587Kb / 10P
   Ethernet PCI Express Content Director Bypass Server Adapter
PE310G2SPB32 SILICOM-PE310G2SPB32 Datasheet
556Kb / 5P
   Dual port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
   Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com