データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PE31625G24DIRA データシート(PDF) 4 Page - Silicom Ltd.

部品番号. PE31625G24DIRA
部品情報  Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE31625G24DIRA Datasheet(HTML) 4 Page - Silicom Ltd.

  PE31625G24DIRA データシート HTML 1Page - Silicom Ltd. PE31625G24DIRA データシート HTML 2Page - Silicom Ltd. PE31625G24DIRA データシート HTML 3Page - Silicom Ltd. PE31625G24DIRA データシート HTML 4Page - Silicom Ltd. PE31625G24DIRA データシート HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Radiated emissions
EN 55022: 2010, Class A
Conducted disturbance at mains terminals
Conducted disturbance at telecommunication port
Radiated disturbance
EN 6250-3-2: 2006+A1(09)+A2(09)
Harmonic current emissions
EN 6250-3-3: 2008
Voltage fluctuations and flicker
EN 55024: 2010
Immunity to electrostatic discharge (ESD)
Radiated immunity to radio frequency electromagnetic field
Conducted immunity to electrical fast transients / bursts (EFT/ B)
Conducted immunity to voltage surges
Conducted immunity to disturbances induced by radio frequency field
Conducted immunity to voltage dips and short interruptions
MTBF*:
30 (Years)
* The prediction was performed for 40°C Ambient temperature, GB
Environmental condition.
The reliability prediction was performed in accordance with Telcordia SR-332
Issie 3.
– Firmware, BIOS & Operating Systems Support
Atom BIOS:
Vendor: Intel Corp.
Version: MNW2MAX1.X64.0083.R01.1509181113
Atom Operating system support:
Linux Ubuntu 16.04. ( or later, no Virtual OS)
Host Operating system support:
Linux Ubuntu 16.04.
– LEDs/ Connectors Specifications
LEDs:
For management ports only
LED Definition
Left LED: Act/Link LED : Turn on any speed (Yellow)
Blinks on Activity (Yellow)
Right LED: Speed LED : Turn on Green on active 1G link
Turn on Orange on active 100M Link
LEDs location:
LEDs are located on the PCB, visible through metal bracket
Connector:
(2) MPO24, (2) RJ45, (1) 12V POWER Connector - 6 Pin ATX Standard


Html ページ

1  2  3  4  5 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn