データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PE31625G24DIRA データシート(PDF) 2 Page - Silicom Ltd.

部品番号. PE31625G24DIRA
部品情報  Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE31625G24DIRA Datasheet(HTML) 2 Page - Silicom Ltd.

  PE31625G24DIRA データシート HTML 1Page - Silicom Ltd. PE31625G24DIRA データシート HTML 2Page - Silicom Ltd. PE31625G24DIRA データシート HTML 3Page - Silicom Ltd. PE31625G24DIRA データシート HTML 4Page - Silicom Ltd. PE31625G24DIRA データシート HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Intelligent redirect mechanism is controllable via software.
Intelligent routing mechanism is controllable via software.
Support up to 6x 100G ports.
100 Ports support 100GBase-SR4.
Common Key features:
Host Interface:
o
PCI Express 2X8 lanes
o
Support PCI Express Base Specification Revision 3.0, 8GT/s, 5GT/s or 2.5GT/s
Front Interface:
o
MPO Connector 2x12 6 available 100Gbit Ethernet available ports, 400Gbps total BW
o
RJ45 Connector x 2 1Gbit Ethernet ports for management
Management Interface:
o
Based on onboard SoC Intel Atom E3826 Processor
o
Interconnected with FM10840 through PCIe x1, Revision 2.0, 5GT/s interface
o
RS232 High Speed LVCMOS Serial Interface toward to Host BMC port
o
RS232 Low Speed 6pin header & XDP port for debag
o
uHDMI optional interface for comfortable configuration of CPU BIOS
o
MiniUSB host port for connecting external mouse and keyboard
o
2GB 1866MT/s DDR3L 1.35v memory down
o
8GB ( or more) , SATAII M.2 SSD
o
SPI SoC Flash for Shell boot
o
I211 x2 Intel 1Gbe Ethernet adapters for CPU management via Ethernet ports
o
FAN & Thermal Sensors controller for controlling and manage temperature and ALARM events
o
Thermal sensors spread over the card for temperature monitoring
RRC Main Board
– 4 Sensor: Board Ambient, 2x FCI OBT and RRC
ATOM Board
– 1 Sensor: DDR3
o
Voltage & Current sensors for managing failure events
o
RTC circuit with battery backup for logging date&time of events and messages
Intel FM10840 Features
Single-element 4MB shared memory
L2/L3/L4/OpenFlow forwarding & ACLs
Stateless load balancing to CPUs
Datacenter Bridging (lossless Ethernet)
32K 40-bit TCAM entries
16K MAC & NextHop tables
Up to 300Gbps High-bandwidth CPU interface
2x 50Gbps 8-lane PCIe interfaces
Up to 24 lanes of 400Gbps BW (25Gbps each lane)


Html ページ

1  2  3  4  5 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn