データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

P27ZFZ310 データシート(PDF) 1 Page - promoco-motors.com

部品番号. P27ZFZ310
部品情報  DC Gear Motor
ダウンロード  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PROMOCO [promoco-motors.com]
ホームページ  http://www.promoco-motors.com/index.php
Logo PROMOCO - promoco-motors.com

P27ZFZ310 Datasheet(HTML) 1 Page - promoco-motors.com

  P27ZFZ310 データシート HTML 1Page - promoco-motors.com  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Gear Motor
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
P27ZFZ310
DC Gear Motor
General Specifications
Ø
27.8 mm
12 VDC
58.8 mNm
Customized solutions on request.
Electrical Specifications
Model
Voltage
No-
load
Current
No-
load
Speed
Rated
Current
Rated
Speed
Rated
Torque
Max.
Momentary
Tolerance
Torque
Gear
Ratio
VDC
A
rpm
A
rpm
mNm
P27ZGZ310-1237-141
12
0.02
37
0.07
30
58.8
2000
1:141
Typical values at ambient temperature of approx. 20°C. Tolerance ±10%.
Mechanical Dimensions


Html ページ

1 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn