データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

P37ZFP510 データシート(PDF) 1 Page - promoco-motors.com

部品番号. P37ZFP510
部品情報  DC Gear Motor
ダウンロード  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PROMOCO [promoco-motors.com]
ホームページ  http://www.promoco-motors.com/index.php
Logo PROMOCO - promoco-motors.com

P37ZFP510 Datasheet(HTML) 1 Page - promoco-motors.com

  P37ZFP510 データシート HTML 1Page - promoco-motors.com  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Gear Motor
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
P37ZFP510
DC Gear Motor
General Specifications
Ø
37 mm
24 VDC
588.4 mNm
Customized solutions on request.
Electrical Specifications
Model
Voltage
No-load
Current
No-
load
Speed
Rated
Current
Rated
Speed
Rated
Torque
Max.
Momentary
Tolerance
Torque
Gear
Ratio
L
VDC
A
rpm
A
rpm
mNm
mm
P37JPF3429-18220-10
12
0.16
600
0.45
520
39.2
1.2
1/10
17
P37JPF3429-18220-30
12
0.16
200
0.45
175
98.1
3.0
1/30
24
P37JPF3429-18220-90
12
0.16
66
0.45
57
225.6
7
1/90
24
P37JPF3429-18220-150
12
0.16
40
0.45
34.6
343.2
11
1/150
26.5
P37JPF3429-18220-270
12
0.16
22
0.45
19
588.4
18
1/270
26.5
P37JPF3429-18220-450
12
0.16
13
0.45
10
588.4
18
1/450
29
P37JPF3429-18220-810
12
0.16
7
0.45
6
588.4
18
1/810
29
P37JPF3429-15441-10
24
0.11
600
0.27
520
39.2
1.2
1/10
17
P37JPF3429-15441-30
24
0.11
200
0.27
175
98.1
3.0
1/30
24
P37JPF3429-15441-90
24
0.11
66
0.27
57
225.6
7
1/90
24
P37JPF3429-15441-150
24
0.11
40
0.27
34.6
343.2
11
1/150
26.5
P37JPF3429-15441-270
24
0.11
22
0.27
19
588.4
18
1/270
26.5
P37JPF3429-15441-450
24
0.11
13
0.27
10
588.4
18
1/450
29
P37JPF3429-15441-810
24
0.11
7
0.27
6
588.4
18
1/810
29
Typical values at ambient temperature of approx. 20°C. Tolerance ±10%.
Mechanical Dimensions


Html ページ

1 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn