データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AO9926B データシート(PDF) 2 Page - VBsemi Electronics Co.,Ltd

部品番号. AO9926B
部品情報  Dual N-Channel 20-V (D-S) MOSFET
ダウンロード  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  VBSEMI [VBsemi Electronics Co.,Ltd]
ホームページ  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AO9926B Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  AO9926B データシート HTML 1Page - VBsemi Electronics Co.,Ltd AO9926B データシート HTML 2Page - VBsemi Electronics Co.,Ltd AO9926B データシート HTML 3Page - VBsemi Electronics Co.,Ltd AO9926B データシート HTML 4Page - VBsemi Electronics Co.,Ltd AO9926B データシート HTML 5Page - VBsemi Electronics Co.,Ltd AO9926B データシート HTML 6Page - VBsemi Electronics Co.,Ltd AO9926B データシート HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 7.1 A
0.019
0.025
Ω
VGS = 2.5 V, ID = 6.0 A
0.026
0.035
Forward Transconductancea
gfs
VDS = 10 V, ID = 7.1 A
27
S
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 7.1 A
9.5
nC
Gate-Source Charge
Qgs
1.5
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1 MHz
1.6
2.7
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, Rg = 10 Ω
10
ns
Rise Time
tr
15
Turn-Off Delay Time
td(off)
38
Fall Time
tf
25
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, dI/dt = 100 A/µs
26
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AO9926B
2


Html ページ

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn