データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AOD2810 データシート(PDF) 1 Page - VBsemi Electronics Co.,Ltd

部品番号. AOD2810
部品情報  N-Channel 80 V (D-S) MOSFET
ダウンロード  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  VBSEMI [VBsemi Electronics Co.,Ltd]
ホームページ  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOD2810 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AOD2810 データシート HTML 1Page - VBsemi Electronics Co.,Ltd AOD2810 データシート HTML 2Page - VBsemi Electronics Co.,Ltd AOD2810 データシート HTML 3Page - VBsemi Electronics Co.,Ltd AOD2810 データシート HTML 4Page - VBsemi Electronics Co.,Ltd AOD2810 データシート HTML 5Page - VBsemi Electronics Co.,Ltd AOD2810 データシート HTML 6Page - VBsemi Electronics Co.,Ltd AOD2810 データシート HTML 7Page - VBsemi Electronics Co.,Ltd AOD2810 データシート HTML 8Page - VBsemi Electronics Co.,Ltd AOD2810 データシート HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 80 V (D-S) MOSFET
FEATURES
• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested
APPLICATIONS
• Primary Side Switching
• Synchronous Rectification
• DC/AC Inverters
• LED Backlighting
Notes
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. The
TO-220 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 70 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
80
0.0055 at VGS = 10 V
75a
17.1 nC
0.0088 at VGS = 6.0 V
6
5a
0.0115 at VGS = 5.0 V
54
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
80
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
75a
A
TC = 70 °C
62.7
TA = 25 °C
28.6b, c
TA = 70 °C
24.9b, c
Pulsed Drain Current (t = 100 μs)
IDM
150
Continuous Source-Drain Diode Current
TC = 25 °C
IS
75a
TA = 25 °C
4.5b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
30
Single Pulse Avalanche Energy
EAS
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
62.5
W
TC = 70 °C
40
TA = 25 °C
5b, c
TA = 70 °C
3.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 10 s
RthJA
20
25
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.5
2.0
TO-252
S
G
D
Top View
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD2810
1


Html ページ

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn