データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AOD2908 データシート(PDF) 1 Page - VBsemi Electronics Co.,Ltd

部品番号. AOD2908
部品情報  N-Channel 100-V (D-S) MOSFET
ダウンロード  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  VBSEMI [VBsemi Electronics Co.,Ltd]
ホームページ  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOD2908 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AOD2908 データシート HTML 1Page - VBsemi Electronics Co.,Ltd AOD2908 データシート HTML 2Page - VBsemi Electronics Co.,Ltd AOD2908 データシート HTML 3Page - VBsemi Electronics Co.,Ltd AOD2908 データシート HTML 4Page - VBsemi Electronics Co.,Ltd AOD2908 データシート HTML 5Page - VBsemi Electronics Co.,Ltd AOD2908 データシート HTML 6Page - VBsemi Electronics Co.,Ltd AOD2908 データシート HTML 7Page - VBsemi Electronics Co.,Ltd AOD2908 データシート HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel 100-V (D-S) MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
85
A
TC = 125 °C
75 a
Pulsed Drain Current
IDM
300
Avalanche Current
L = 0.1 mH
IAS
75
Single Pulse Avalanche Energyb
EAS
280
mJ
Maximum Power Dissipationb
TC = 25 °C (TO-252 and TO-251)
PD
210
W
TA = 25 °C (TO-252)
3.25
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
VDS (V)
RDS(on) (Ω)ID (A)
100
0.0075 at VGS = 10 V
85
0.0095 at VGS = 4.5 V
75
PRODUCT SUMMARY
N-Channel MOSFET
G
D
S
TO-252
S
GD
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
Steady State
RthJA
40
50
°C/W
Maximum Junction-to-Case
RthJC
0.85
1.1
FEATURES
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Primary Side Switch
Isolated DC/DC Converter
AOD2908
1
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
1


Html ページ

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn