データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOD2916 データシート(PDF) 2 Page - VBsemi Electronics Co.,Ltd

部品番号 AOD2916
部品情報  N-Channel 100-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VBSEMI [VBsemi Electronics Co.,Ltd]
ホームページ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOD2916 データシート(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  AOD2916 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOD2916 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOD2916 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOD2916 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOD2916 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOD2916 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AOD2916 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AOD2916 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VSS = 0 V, ID = 250 µA
100
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V
, VGS = 0 V
1
µA
VDS= 100 V, VGS = 0 V, TJ = 125 °C
50
VDS= 100 V, VGS = 0 V, TJ = 175 °C
250
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
75
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 5 A
0.0
30
Ω
VGS = 4.5 V, ID = 3 A
0.0
VGS = 10 V, ID = 5 A, TJ = 125 °C
0.0
VGS = 10 V, ID = 3 A, TJ = 175 °C
0.0
67
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
10
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V, VDS = 25 V, f = 1 MHz
2600
pF
Output Capacitance
Coss
290
Reverse Transfer Capacitance
Crss
120
Total Gate Chargec
Qg
VDS = 50 V, VGS = 10 V, ID = 40 A
35
60
nC
Gate-Source Chargec
Qgs
11
Gate-Drain Chargec
Qgd
9
Gate Resistance
RG
1.7
Ω
Turn-On Delay Timec
td(on)
VDD = 50 V, RL = 1.25 Ω
ID ≅ 40 A, VGEN = 10 V, RG = 2.5 Ω
11
20
ns
Rise Timec
tr
12
20
Turn-Off Delay Timec
td(off)
30
45
Fall Timec
tf
12
20
Source-Drain Diode Ratings and Characteristics TC = 25 °C
b
Continuous Current
IS
40
A
Pulsed Current
ISM
120
Forward Voltagea
VSD
IF = 30 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
IF = 30 A, di/dt = 100 A/µs
60
100
ns
Peak Reverse Recovery Current
IRM(REC)
58
A
Reverse Recovery Charge
Qrr
0.15
0.4
µC
35
53
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD2916
2


同様の部品番号 - AOD2916

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOD2916 AOSMD-AOD2916 Datasheet
299Kb / 6P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD2916 ISC-AOD2916 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - AOD2916

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com