データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RJF36100U73AE1 データシート(PDF) 2 Page - Schneider Electric

部品番号 RJF36100U73AE1
部品情報  POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RJF36100U73AE1 データシート(HTML) 2 Page - Schneider Electric

  RJF36100U73AE1 Datasheet HTML 1Page - Schneider Electric RJF36100U73AE1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IEC
Ordering and shipping details
Category
01245-RG,H,J,K,L,N UNIT MT BREAKERS
Discount Schedule
DE2
Package weight(Lbs)
52.00 lb(US) (23.587 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: DINP, which is known to the State
of California to cause cancer, and DIDP, which is known to the State of California to cause birth
defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
PVC free
Yes
Halogen content performance
Halogen free plastic parts product
Contractual warranty
Warranty
18 months
2


同様の部品番号 - RJF36100U73AE1

メーカー部品番号データシート部品情報
logo
Schneider Electric
RJF36100U74AE1 SCHNEIDER-RJF36100U74AE1 Datasheet
160Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
More results

同様の説明 - RJF36100U73AE1

メーカー部品番号データシート部品情報
logo
Schneider Electric
RJF36100U43A SCHNEIDER-RJF36100U43A Datasheet
65Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U44A SCHNEIDER-RJF36100U44A Datasheet
112Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U64AE1 SCHNEIDER-RJF36100U64AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U41A SCHNEIDER-RJF36100U41A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU44A SCHNEIDER-RJF36100CU44A Datasheet
112Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU63AE1 SCHNEIDER-RJF36100CU63AE1 Datasheet
159Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100U31A SCHNEIDER-RJF36100U31A Datasheet
147Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU33A SCHNEIDER-RJF36100CU33A Datasheet
166Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU31A SCHNEIDER-RJF36100CU31A Datasheet
165Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
RJF36100CU41A SCHNEIDER-RJF36100CU41A Datasheet
66Kb / 2P
   POWERPACT R-FRAME, MOLDED CASE CIRCUIT BREAKER, 600V, 1000A, 3P, 25kA
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com