データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN24C データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FIN24C
部品情報  uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24C データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN24C Datasheet HTML 7Page - Fairchild Semiconductor FIN24C Datasheet HTML 8Page - Fairchild Semiconductor FIN24C Datasheet HTML 9Page - Fairchild Semiconductor FIN24C Datasheet HTML 10Page - Fairchild Semiconductor FIN24C Datasheet HTML 11Page - Fairchild Semiconductor FIN24C Datasheet HTML 12Page - Fairchild Semiconductor FIN24C Datasheet HTML 13Page - Fairchild Semiconductor FIN24C Datasheet HTML 14Page - Fairchild Semiconductor FIN24C Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating Conditions
Note 2: Absolute maximum ratings are DC values beyond which the device may be
damaged or have its useful life impaired. The datasheet specifications should be met,
without exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. Fairchild does not recommend oper-
ation outside datasheet specifications.
DC Electrical Characteristics Over supply voltage and operating temperature ranges, unless otherwise specified.
Note 3: Typical Values are given for VDD = 2.775V and TA = 25qC. Positive current values refer to the current flowing into device and negative values means current flowing out
of pins. Voltage are referenced to GROUND unless otherwise specified (except
'VOD and VOD).
Note 4: VGO is the difference in device ground levels between the CTL Driver and the CTL Receiver.
Supply Voltage (VDDP)
0.5V to 4.6V
ALL Input/Output Voltage
0.5V to 4.6V
LVDS Output Short Circuit Duration
Continuous
Storage Temperature Range (TSTG)
65qC to 150qC
Maximum Junction Temperature (TJ)
150qC
Lead Temperature (TL)
(Soldering, 4 seconds)
260qC
ESD Rating
Human Body Model, 1.5K
:, 100pF
All Pins
!2kV
CKSO, CKSI, DSO to GND
!8kV
Machine Model, 0
:, 200pF
!200V
Supply Voltage (VDDA, VDDS)
2.5V to 2.9V
Supply Voltage (VDDP)
1.65V to 3.6V
Operating Temperature (TA) (Note 2)
30qC to  70qC
Supply Noise Voltage (VDDA-PP)
100 mVP-P
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
(Note 3)
LVCMOS I/O
VIH
Input High Voltage
0.65 x VDDP
VDDP
VIL
Input Low Voltage
GND
0.35 x VDDP
V
VOH
Output High Voltage
IOH = 2.0 mA
VDDP = 3.3 r 0.3
0.75 x VDDP
V
VDDP = 2.5 r 0.2
VDDP = 1.8 r 0.15
VOL
Output Low Voltage
VDDP = 3.3 r 0.3
V
IOL = 2.0 mA
VDDP = 2.5 r 0.2
0.25 x VDDP
VDDP = 1.8 r 0.15
IIN
Input Current
VIN = 0V to 3.6V
5.0
5.0
PA
DIFFERENTIAL I/O
IODH
Output HIGH Source Current
VOS = 1.0V, Figure 11
1.75
mA
IODL
Output LOW Sink Current
VOS = 1.0V, Figure 11
0.95
mA
IOZ
Disabled Output Leakage Current
CKSO, DSO = 0V to VDDS, S2 = S1 = 0V
r0.1
r5.0
PA
IIZ
Disabled Input Leakage Current
CKSI, DSI = 0V to VDDS, S2 = S1 = 0V
r0.1
r5.0
PA
VICM
Input Common Mode Range
VDDS = 2.775 r 5%
VGO  0.80
V
VGO
Input Voltage Ground Off-set
see Figure 12
0V
Relative to Driver (Note 4)
RTRM
CKSI Internal Receiver
VID = 50mV, VIC = 925mV, DIRI = 0
80.0
100
120
:
Termination Resistor
| CKSI - CKSI | = VID
RTRM
DSI Internal Receiver
VID = 50mV, VIC = 925mV, DIRI = 0
80.0
100
120
:
Termination Resistor
| DSI
 - DSI | = VID


同様の部品番号 - FIN24C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CGFX FAIRCHILD-FIN24CGFX Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24CMLX FAIRCHILD-FIN24CMLX Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
More results

同様の説明 - FIN24C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com