データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6100100 データシート(PDF) 5 Page - Semikron International

部品番号 L6100100
部品情報  SKYPER32 - TECHNICAL EXPLANATIONS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMIKRON [Semikron International]
ホームページ  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100100 データシート(HTML) 5 Page - Semikron International

  L6100100 Datasheet HTML 1Page - Semikron International L6100100 Datasheet HTML 2Page - Semikron International L6100100 Datasheet HTML 3Page - Semikron International L6100100 Datasheet HTML 4Page - Semikron International L6100100 Datasheet HTML 5Page - Semikron International L6100100 Datasheet HTML 6Page - Semikron International L6100100 Datasheet HTML 7Page - Semikron International L6100100 Datasheet HTML 8Page - Semikron International L6100100 Datasheet HTML 9Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SKYPER™ 32 - Technical Explanations
5 / 15
2005-06-03 – Rev04
© by SEMIKRON
PIN Array – Secondary Side
Connectors
Connector X100 / X200 (RM2,54, 10pin)
PIN
Signal
Function
Specification
X100:01
SEC_TOP_VCE_CFG
Input reference voltage adjustment
X100:02
SEC_TOP_VCE_IN
Input VCE monitoring
X100:03
SEC_TOP_15P
Output power supply for external
buffer capacitors
Stabilised +15V
X100:04
SEC_TOP_15P
Output power supply for external
buffer capacitors
Stabilised +15V
X100:05
SEC_TOP_GND
GND for power supply and GND for
digital signals
X100:06
SEC_TOP_IGBT_ON
Switch on signal TOP IGBT
X100:07
SEC_TOP_GND
GND for power supply and GND for
digital signals
X100:08
SEC_TOP_IGBT_OFF
Switch off signal TOP IGBT
X100:09
SEC_TOP_8N
Output power supply for external
buffer capacitors
Stabilised -7V
X100:10
SEC_TOP_8N
Output power supply for external
buffer capacitors
Stabilised -7V
X200:01
SEC_BOT_VCE_CFG
Input reference voltage adjustment
X200:02
SEC_BOT_VCE_IN
Input VCE monitoring
X200:03
SEC_BOT_15P
Output power supply for external
buffer capacitors
Stabilised +15V
X200:04
SEC_BOT_15P
Output power supply for external
buffer capacitors
Stabilised +15V
X200:05
SEC_BOT_GND
GND for power supply and GND for
digital signals
X200:06
SEC_BOT_IGBT_ON
Switch on signal BOT IGBT
X200:07
SEC_BOT_GND
GND for power supply and GND for
digital signals
X200:08
SEC_BOT_IGBT_OFF
Switch off signal BOT IGBT
X200:09
SEC_BOT_8N
Output power supply for external
buffer capacitors
Stabilised -7V
X200:10
SEC_BOT_8N
Output power supply for external
buffer capacitors
Stabilised -7V


同様の部品番号 - L6100100

メーカー部品番号データシート部品情報
logo
Semikron International
L6100131 SEMIKRON-L6100131 Datasheet
256Kb / 7P
   Board 1 SKYPER 32 R
L6100140 SEMIKRON-L6100140 Datasheet
348Kb / 9P
   BOARD 2S SKYPER32 - TECHNICAL EXPLANATIONS
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
More results

同様の説明 - L6100100

メーカー部品番号データシート部品情報
logo
Semikron International
L6100140 SEMIKRON-L6100140 Datasheet
348Kb / 9P
   BOARD 2S SKYPER32 - TECHNICAL EXPLANATIONS
logo
List of Unclassifed Man...
PAF600F280 ETC2-PAF600F280 Datasheet
897Kb / 13P
   Explanations on Specifications
logo
STMicroelectronics
TA0321 STMICROELECTRONICS-TA0321 Datasheet
182Kb / 12P
   TECHNICAL ARTICLE
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
American Microsemicondu...
AMS-G2M AMMSEMI-AMS-G2M Datasheet
374Kb / 2P
   Technical Specifications
AMS-CL03-15T AMMSEMI-AMS-CL03-15T Datasheet
499Kb / 1P
   Technical Specifications
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com