データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6100100 データシート(PDF) 7 Page - Semikron International

部品番号 L6100100
部品情報  SKYPER32 - TECHNICAL EXPLANATIONS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMIKRON [Semikron International]
ホームページ  http://www.semikron.com
Logo SEMIKRON - Semikron International

L6100100 データシート(HTML) 7 Page - Semikron International

Back Button L6100100 Datasheet HTML 3Page - Semikron International L6100100 Datasheet HTML 4Page - Semikron International L6100100 Datasheet HTML 5Page - Semikron International L6100100 Datasheet HTML 6Page - Semikron International L6100100 Datasheet HTML 7Page - Semikron International L6100100 Datasheet HTML 8Page - Semikron International L6100100 Datasheet HTML 9Page - Semikron International L6100100 Datasheet HTML 10Page - Semikron International L6100100 Datasheet HTML 11Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SKYPER™ 32 - Technical Explanations
7 / 15
2005-06-03 – Rev04
© by SEMIKRON
characteristic or hiccup-mode can create problems if no sufficient over current margin is available. The voltage
has to rise continuously and without any plateau formation as shown in the following diagram.
Rising slope of the power supply voltage
If the power supply is able to provide a higher current, a peak current will flow in the first instant to charge up the
input capacitances on the driver. Its peak current value will be limited by the power supply and the effective
impedances (e.g. distribution lines), only.
It is recommended to avoid the paralleling of several customer side power supply units. Their different set current
limitations may lead to dips in the supply voltage.
The driver is ready for operation typically 150ms after turning on the supply voltage. The driver error signal
PRIM_nERROR_OUT is operational after this time. Without any error present, the error signal will be reset.
To assure a high level of system safety the TOP and BOT signal inputs should stay in a defined state (OFF state,
LOW) during driver turn-on time. Only after the end of the power-on-reset, IGBT switching operation shall be
permitted.
Under Voltage Protection of driver power supply (UVP)
The internally detected supply voltage of the driver has an under voltage protection. The table below gives an
overview of the trip level.
Supply voltage
UVP level
Regulated +15V ±4%
13,5V
If the internally detected supply voltage of the driver falls below this level, the IGBTs will be switched off (IGBT
driving signals set to LOW). The input side switching signals of the driver will be ignored. The error memory will
be set, and the output PRIM_nERROR_OUT changes to the HIGH state.


同様の部品番号 - L6100100

メーカー部品番号データシート部品情報
logo
Semikron International
L6100131 SEMIKRON-L6100131 Datasheet
256Kb / 7P
   Board 1 SKYPER 32 R
L6100140 SEMIKRON-L6100140 Datasheet
348Kb / 9P
   BOARD 2S SKYPER32 - TECHNICAL EXPLANATIONS
L6100141 SEMIKRON-L6100141 Datasheet
494Kb / 12P
   Board 2s SKYPER 32 R
L6100150 SEMIKRON-L6100150 Datasheet
338Kb / 9P
   EVALUATION BOARD 3S SKYPER 32
L6100151 SEMIKRON-L6100151 Datasheet
620Kb / 12P
   Board 3s SKYPER 32 R
More results

同様の説明 - L6100100

メーカー部品番号データシート部品情報
logo
Semikron International
L6100140 SEMIKRON-L6100140 Datasheet
348Kb / 9P
   BOARD 2S SKYPER32 - TECHNICAL EXPLANATIONS
logo
List of Unclassifed Man...
PAF600F280 ETC2-PAF600F280 Datasheet
897Kb / 13P
   Explanations on Specifications
logo
STMicroelectronics
TA0321 STMICROELECTRONICS-TA0321 Datasheet
182Kb / 12P
   TECHNICAL ARTICLE
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
American Microsemicondu...
AMS-G2M AMMSEMI-AMS-G2M Datasheet
374Kb / 2P
   Technical Specifications
AMS-CL03-15T AMMSEMI-AMS-CL03-15T Datasheet
499Kb / 1P
   Technical Specifications
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com