データシートサーチシステム |
|
HLMP-K101-NJ0A1 データシート(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-K101-NJ0A1 データシート(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 7 page 2 Selection Guide Luminous Intensity Iv (mcd) at 20 mA 2 θθθθθ 1/2 [1] Package Package Description Device HLMP- Min. Typ. Max. Degree Outline T-1 3/4 Red Tinted Diffused D101 35.2 70.0 – 65 A D101-J00xx 35.2 70.0 – 65 A D101-JK0xx 35.2 70.0 112.8 65 A T-1 3/4 Red Untinted Non-diffused D105 138.0 240.0 – 24 B D105-M00xx 138.0 240.0 – 24 B D105-NO0xx 200.0 290.0 580.0 24 B T-1 Red Tinted Diffused K101 22.0 45.0 – 60 C K101-100xx 22.0 45.0 – 60 C K101-IJ0xx 22.0 45.0 70.4 60 C T-1 Red Untinted Non-diffused K105 35.2 65.0 – 45 C K105-J00xx 35.2 65.0 – 45 C K105-KL0xx 56.4 110.0 180.4 45 C Note: 1. θ 1/2 is the off axis angle from lamp centerline where the luminous intensity is 1/2 the on-axis value. Part Numbering System HLMP - x x xx - x x x xx Mechanical Option 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads A1: Right Angle Housing, Uneven Leads, T1 A2: Right Angle Housing, Even Leads, T1 B1: Right Angle Housing, Uneven Leads, T-1 3/4 B2: Right Angle Housing, Even Leads, T-1 3/4 DD, UQ: Ammo Pack Color Bin Options 0: Full Color Bin Distribution Maximum Iv Bin Options 0: Open (no max. limit) Others: Please refer to the Iv Bin Table Minimum Iv Bin Options Please refer to the Iv Bin Table Lens Type 01: Tinted, Diffused 05: Untinted, Nondiffused Color Options 1: AlGaAs Red Package Options D: T-1 3/4 K: T-1 |
同様の部品番号 - HLMP-K101-NJ0A1 |
|
同様の説明 - HLMP-K101-NJ0A1 |