データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC32040I データシート(PDF) 11 Page - Texas Instruments

部品番号 TLC32040I
部品情報  ANALOG INTERFACE CIRCUITS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLC32040I データシート(HTML) 11 Page - Texas Instruments

Back Button TLC32040I Datasheet HTML 7Page - Texas Instruments TLC32040I Datasheet HTML 8Page - Texas Instruments TLC32040I Datasheet HTML 9Page - Texas Instruments TLC32040I Datasheet HTML 10Page - Texas Instruments TLC32040I Datasheet HTML 11Page - Texas Instruments TLC32040I Datasheet HTML 12Page - Texas Instruments TLC32040I Datasheet HTML 13Page - Texas Instruments TLC32040I Datasheet HTML 14Page - Texas Instruments TLC32040I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AIC DR or DX word bit pattern
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D15
A/D or D/A MSB,
1st bit sent
1st bit sent of 2nd byte
A/D or D/A LSB
AIC DX data word format section
d15
d14
d13
d12
d11
d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
COMMENTS
primary DX serial communication protocol
←d15 (MSB) through d2 go to the D/A
converter register
0
0
The TX and RX counter As are loaded with the TA
and RA register values. The TX and RX counter Bs
are loaded with TB and RB register values.
←d15 (MSB) through d2 go to the D/A
converter register
0
1
The TX and RX counter As are loaded with the TA +
TA’ and RA + RA’ register values. The TX and RX
counter Bs are loaded with TB and RB register
values. Bits d1 = 0 and d0 =1 cause the next D/A and
A/D conversion periods to be changed by the
addition of TA’ and RA’ master clock cycles, in which
TA’ and R/A’ can be positive or negative or zero (refer
to Table 1).
←d15 (MSB) through d2 go to the D/A
converter register
1
0
The TX and RX counter As are loaded with the TA –
TA’ and RA – RA’ register values. The TX and RX
counter Bs are loaded with TB and RB register
values. Bits d1 = 1 and d0 = 0 cause the next D/A and
A/D conversion periods to be changed by the
subtraction of TA’ and RA’ master clock cycles, in
which TA’ and R/A’ can be positive or negative or zero
(refer to Table 1).
←d15 (MSB) through d2 go to the D/A
converter register
1
1
The TX and RX counter As are loaded with the TA
and RA register values. The TX and RX counter Bs
are loaded with the TB and RB register values. After
a delay of four shift clock cycles, a secondary
transmission immediately follows to program the AIC
to operate in the desired configuration.
NOTE: Setting the two least significant bits to 1 in the normal transmission of DAC information (primary communications) to the AIC initiates
secondary communications upon completion of the primary communications.
Upon completion of the primary communication, FSX remains high for four SHIFT CLK cycles and then goes low and initiates the
secondary communication. The timing specifications for the primary and secondary communications are identical. In this manner, the
secondary communication, if initiated, is interleaved between successive primary communications. This interleaving prevents the
secondary communication from interfering with the primary communications and DAC timing, thus preventing the AIC from skipping a DAC
output. In the synchronous mode, FSR is not asserted during secondary communications.


同様の部品番号 - TLC32040I

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC32040 TI-TLC32040 Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC32040MFK TI-TLC32040MFK Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC32040MJ TI-TLC32040MJ Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
More results

同様の説明 - TLC32040I

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI1-TLC32044C_11 Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
logo
Purdy Electronics Corpo...
ANDPSI056ET0S-HB-KIT PURDY-ANDPSI056ET0S-HB-KIT Datasheet
197Kb / 3P
   Analog RGB Interface
logo
Texas Instruments
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD50C-I TI-TLC320AD50C-I Datasheet
271Kb / 53P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
TLC320AD50C-I TI1-TLC320AD50C-I_15 Datasheet
927Kb / 57P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
logo
NXP Semiconductors
TDA8709A PHILIPS-TDA8709A Datasheet
170Kb / 28P
   Video analog input interface
June 1994
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com