データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1512 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 2SA1512
部品情報  Silicon PNP epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA1512 データシート(HTML) 1 Page - Panasonic Semiconductor

  2SA1512 Datasheet HTML 1Page - Panasonic Semiconductor 2SA1512 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SA1512
Silicon PNP epitaxial planer type
For low-frequency output amplification
Complementary to 2SC1788
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Optimum for low-voltage operation and for converters.
q
Allowing supply with the radial taping.
q
Optimum for high-density mounting.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–25
–20
–7
–1
– 0.5
300
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –25V, IE = 0
VCE = –20V, IB = 0
IC = –10µA, IE = 0
IC = –1mA, IB = 0
IE = –10µA, IC = 0
VCE = –2V, IC = –0.5A
*2
VCE = –2V, IC = –1A
*2
IC = –500mA, IB = –50mA
*2
IC = –500mA, IB = –50mA
*2
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–25
–20
–7
90
25
typ
150
15
max
–100
–1
220
– 0.4
–1.2
25
Unit
nA
µA
V
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
Q
R
hFE1
90 ~ 155
130 ~ 220
1:Emitter
2:Collector
EIAJ:SC–72
3:Base
New S Type Package
4.0
±0.2
marking
2.54
±0.15
1.27
1.27
123
*2 Pulse measurement


同様の部品番号 - 2SA1512

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SA1510 SANYO-2SA1510 Datasheet
327Kb / 5P
   Switching Applications
2SA1511 SANYO-2SA1511 Datasheet
88Kb / 2P
   PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Inchange Semiconductor ...
2SA1513 ISC-2SA1513 Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1513 SAVANTIC-2SA1513 Datasheet
146Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1513 JMNIC-2SA1513 Datasheet
200Kb / 3P
   Silicon PNP Power Transistors
More results

同様の説明 - 2SA1512

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
   Silicon PNP epitaxial planer type
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
   Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA2009 PANASONIC-2SA2009 Datasheet
43Kb / 1P
   Silicon PNP epitaxial planer type
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com