データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-ED57-LK400 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-ED57-LK400
部品情報  T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-ED57-LK400 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-ED57-LK400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
VIF = 20 mA
Amber (
λ
d = 590 nm)
2.02
2.4
Amber (
λ
d = 592 nm)
2.15
2.4
Red-Orange (
λ
d = 615 nm)
1.94
2.4
Red-Orange (
λ
d = 617 nm)
2.08
2.4
Red (
λ
d = 626 nm)
1.90
2.4
Red (
λ
d = 630 nm)
2.00
2.4
Reverse Voltage
VR
520
V
IR = 100 µA
Peak Wavelength
λ
PEAK
nm
Peak of Wavelength of
Amber (
λ
d = 590 nm)
592
Spectral Distribution
Amber (
λ
d = 592 nm)
594
at IF = 20 mA
Red-Orange (
λ
d = 615 nm)
621
Red-Orange (
λ
d = 617 nm)
623
Red (
λ
d = 626 nm)
635
Red (
λ
d = 630 nm)
639
Spectral Halfwidth
∆λ
1/2
17
nm
Wavelength Width at
Spectral Distribution
1/2 Power Point at
IF = 20 mA
Speed of Response
τ
s
20
ns
Exponential Time
Constant, e-t/τs
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θ
J-PIN
240
°C/W
LED Junction-to-Cathode
Lead
Luminous Efficacy[1]
η
v
lm/W
Emitted Luminous
Amber (
λ
d = 590 nm)
480
Power/Emitted Radiant
Amber (
λ
d = 592 nm)
500
Power
Red-Orange (
λ
d = 615 nm)
260
Red-Orange (
λ
d = 617 nm)
235
Red (
λ
d = 626 nm)
150
Red (
λ
d = 630 nm)
155
Note:
1. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
Absolute Maximum Ratings at TA = 25°C
DC Forward Current[1,2,3] ..................................................................50 mA
Peak Pulsed Forward Current[2,3] ................................................. 100 mA
Average Forward Current[3] ............................................................. 30 mA
Reverse Voltage (IR = 100 µA) ................................................................ 5 V
LED Junction Temperature .............................................................. 130
° C
Operating Temperature .................................................. –40
° C to +100° C
Storage Temperature ...................................................... –40
° C to +120° C
Through-the-Wave Solder Temperature ................ 250
° C for 3 seconds
[1.59 mm (0.060 in.) below body]
Notes:
1. Derate linearly as shown in Figure 4.
2. For long term performance with minimal light output degradation, drive currents
between 10 mA and 30 mA are recommended. For more information on recommended
drive conditions, please refer to Application Brief I-024 (5966-3087E).
3. Please contact your Agilent Technologies sales representative about operating currents
below 10 mA.


同様の部品番号 - HLMP-ED57-LK400

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED57 AVAGO-HLMP-ED57 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

同様の説明 - HLMP-ED57-LK400

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com