データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-ED57-LK400 データシート(PDF) 1 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-ED57-LK400
部品情報  T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-ED57-LK400 データシート(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-ED57-LK400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-ED57-LK400 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SunPower Series
HLMP-EL55
HLMP-EH55
HLMP-EG55
T-13/4 (5 mm) Precision Optical
Performance AlInGaP LED Lamps
Technical Data
Features
• Well Defined and Smooth
Spatial Radiation Patterns
• Wide Viewing Angle
• Tinted Diffused Lamp
• High Luminous Output
• Colors:
590/592 nm Amber
615/617 nm Reddish-Orange
626/630 nm Red
• High Operating Temperature:
T
JLED = +130°C
• Superior Resistance to
Moisture
Benefits
• Viewing Angles Match Traffic
Management Sign
Requirements
• Colors Meet Automotive
Specifications
• Superior Performance in
Outdoor Environments
• Suitable for Autoinsertion
onto PC Boards
Applications
• Traffic Management:
Variable Message Signs
Traffic Management Signs
• Commercial Indoor/Outdoor
Advertising:
Signs
Marquees
Passenger Information
• Automotive:
Exterior and Interior Lights
Description
These Precision Optical Perform-
ance AlInGaP LEDs provide
superior light output for
excellent readability in sunlight
and are extremely reliable.
AlInGaP LED technology
provides extremely stable light
output over long periods of time.
Precision Optical Performance
lamps utilize the aluminum
indium gallium phosphide
(AlInGaP) technology.
These LED lamps are tinted,
diffused, T-13/4 packages
incorporating second generation
optics producing well defined
radiation patterns at specific
viewing cone angles.
There are two families of amber,
red, and red-orange lamps;
AlInGaP and the higher
performance AlInGaP II.
The high maximum LED
junction temperature limit of
+130
° C enables high
temperature operation in bright
sunlight conditions.
These lamps are available in two
package options to give the
designer flexibility with device
mounting.
HLMP-EL57
HLMP-EH57
HLMP-EG57


同様の部品番号 - HLMP-ED57-LK400

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED57 AVAGO-HLMP-ED57 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

同様の説明 - HLMP-ED57-LK400

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com