データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-4101-VP000 データシート(PDF) 3 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-4101-VP000
部品情報  T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4101-VP000 データシート(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-4101-VP000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4101-VP000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4101-VP000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4101-VP000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4101-VP000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4101-VP000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Absolute Maximum Ratings at TA = 25°C
Parameter
Maximum Rating
Units
Peak Forward Current[1, 2]
300
mA
Average Forward Current[2]
20
mA
DC Current[3]
30
mA
Power Dissipation
87
mW
Reverse Voltage (IR = 100 µA)
5
V
Transient Forward Current (10
µs Pulse)[4]
500
mA
Operating Temperature Range
-20 to +100
°C
Storage Temperature Range
-55 to +100
°C
Wave Soldering Temperature [1.59 mm (0.063 in.) from body]
250
°C for 3 seconds
Lead Solder Dipping Temperature [1.59 mm (0.063 in.) from body]
260
°C for 5 seconds
Notes:
1. Maximum IPEAK at f = 1 kHz, DF = 6.7%.
2. Refer to Figure 6 to establish pulsed operating conditions.
3. Derate linerally as shown in Figure 5.
4. The transient peak current is the maximum non-recurring peak current the device can withstand without damaging the LED die and
wire bonds. It
is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current.
Electrical/Optical Characteristics at TA = 25°C
Symbol
Description
Min.
Typ.
Max.
Unit
Test Condition
VF
Forward Voltage
1.8
2.2
V
20 mA
VR
Reverse Breakdown Voltage
5.0
15.0
V
IR = 100 µA
λ
PEAK
Peak Wavelength
650
nm
Measurement at peak
λ
d
Dominant Wavelength
642
nm
Note 1
∆λ 1/
2
Spectral Line Halfwidth
20
nm
τs
Speed of Response
30
ns
Exponential Time
Constant, e-t/2
C
Capacitance
30
pF
VF = 0, f = 1 MHz
θjc
Thermal Resistance
220
°C/W
Junction to Cathode Lead
ηv
Luminous Efficacy
80
1 m/W
Note 2
Notes:
1. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the color of the device.
2. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Iv/
ηv, where Iv is the luminous intensity in candelas and ηv is
luminous efficacy in lumens/watt.
3. The approximate total luminous flux output within a cone angle of 2
θ about the optical axis, φv(2θ), may be obtained from the following formula:
φv(2θ) = [φv(θ)/Iv(0)]Iv; Where: φv(θ)/Iv(0) is obtained from Figure 7.


同様の部品番号 - HLMP-4101-VP000

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-4101-ST0XX BOARDCOM-HLMP-4101-ST0XX Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
More results

同様の説明 - HLMP-4101-VP000

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com