データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AM90N06-04D データシート(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

部品番号. AM90N06-04D
部品情報  N-Channel MOSFET uses advanced SGT technology
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
ホームページ  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM90N06-04D Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM90N06-04D データシート HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM90N06-04D データシート HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM90N06-04D データシート HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM90N06-04D データシート HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.doingter.cn
2
Electrical Characteristics:(T
C=25unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
60
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=60V
---
---
1
μA
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±100
nA
On Characteristics
3
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
1
---
2.5
V
RDS(ON)
Drain-Source On Resistance
VGS=10V,ID=20A
---
3
3.5
VGS=4.5V,ID=10A
---
3.5
4.5
Dynamic Characteristics
4
Ciss
Input Capacitance
VDS=25V, VGS=0V,
f=100KHz
---
5377
---
pF
Coss
Output Capacitance
---
1666
---
Crss
Reverse Transfer Capacitance
---
77.7
---
Switching Characteristics
4
td(on)
Turn-On Delay Time
VDD=30V,ID=25A,RG=2Ω
VGS=10V
---
22.5
---
ns
tr
Rise Time
---
6.7
---
ns
td(off)
Turn-Off Delay Time
---
80.3
---
ns
tf
Fall Time
---
26.8
---
ns
Qg
Total Gate Charge
VGS=10V, VDS=30V,
ID=25A
---
66.1
---
nC
Qgs
Gate-Source
Charge
---
10.7
---
nC
Qgd
Gate-Drain “Miller” Charge
---
10.9
---
nC
Drain-Source Diode Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSD
Source-Drain Diode Forward Voltage
VGS=0V,IS=20A
---
---
1.3
V
AM90N06-04D


Html ページ

1  2  3  4 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn