データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

XZCP11V12L2 データシート(PDF) 1 Page - Schneider Electric

部品番号. XZCP11V12L2
部品情報  pre-wired connectors XZ - straight female -M12 - 5 pins - cable PUR 2m
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCP11V12L2 Datasheet(HTML) 1 Page - Schneider Electric

  XZCP11V12L2 データシート HTML 1Page - Schneider Electric XZCP11V12L2 データシート HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 4, 2021
1
Product data sheet
Characteristics
XZCP11V12L2
pre-wired connectors XZ - straight female -
M12 - 5 pins - cable PUR 2m
Main
Accessory / separate
part category
Cabling accessory
Accessory / separate
part type
Pre-wired connectors
Series name
General purpose
Complementary
Electrical connection
Straight female connector M12, 5 pins
Cable connector fixing
Screw-on
Collar material
Metal
Status LED
Without
Cable length
2 m
Cable outer diameter
5.7 mm
Cable composition
5 x 0.34 mm²
Wire insulation material
PUR
[Ue] rated operational voltage
250 V AC
300 V DC
[In] rated current
4 A
Contact resistance
5000 µOhm
Minimum insulating resistance
1 GΩ
Environment
IP degree of protection
IP65
IP67
IP69K
Product certifications
CULus
Ambient air temperature for operation
-40…80 °C static
-5…80 °C flexing
Ambient air temperature for storage
-40…80 °C
Packing Units
Package 1 Weight
0.082 kg
Package 1 Height
0.220 dm
Package 1 width
1.700 dm
Package 1 Length
1.800 dm


Html ページ

1  2 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn