データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XZCP12V12L2 データシート(PDF) 2 Page - Schneider Electric

部品番号 XZCP12V12L2
部品情報  pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 2m
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCP12V12L2 データシート(HTML) 2 Page - Schneider Electric

  XZCP12V12L2 Datasheet HTML 1Page - Schneider Electric XZCP12V12L2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Package 2 Length
18.5 cm
Unit Type of Package 3
S02
Number of Units in Package 3
20
Package 3 Weight
2.045 kg
Package 3 Height
15 cm
Package 3 width
30 cm
Package 3 Length
40 cm
Offer Sustainability
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes


同様の部品番号 - XZCP12V12L2

メーカー部品番号データシート部品情報
logo
Schneider Electric
XZCP12V12L20 SCHNEIDER-XZCP12V12L20 Datasheet
77Kb / 2P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 20m
More results

同様の説明 - XZCP12V12L2

メーカー部品番号データシート部品情報
logo
Schneider Electric
XZCP1264L2 SCHNEIDER-XZCP1264L2 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 2m
XZCP1340L2 SCHNEIDER-XZCP1340L2 Datasheet
95Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
XZCP1440L2 SCHNEIDER-XZCP1440L2 Datasheet
92Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
XZCP1241L2 SCHNEIDER-XZCP1241L2 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PUR 2m
XZCP2540L2 SCHNEIDER-XZCP2540L2 Datasheet
95Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 2m
XZCPV12V12L2 SCHNEIDER-XZCPV12V12L2 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 2m
XZCPB1241L2 SCHNEIDER-XZCPB1241L2 Datasheet
92Kb / 4P
   pre-wired connectors XZ -elbowed female - M12-4 pins - shielded cable PUR 2m
XZCP12V12L5 SCHNEIDER-XZCP12V12L5 Datasheet
76Kb / 2P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 5m
XZCP1264L10 SCHNEIDER-XZCP1264L10 Datasheet
102Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 10m
XZCP1264L5 SCHNEIDER-XZCP1264L5 Datasheet
101Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 5m
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com