データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1D09JL データシート(PDF) 3 Page - Schneider Electric

部品番号 LC1D09JL
部品情報  TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, low consumption 12 VDC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D09JL データシート(HTML) 3 Page - Schneider Electric

  LC1D09JL Datasheet HTML 1Page - Schneider Electric LC1D09JL Datasheet HTML 2Page - Schneider Electric LC1D09JL Datasheet HTML 3Page - Schneider Electric LC1D09JL Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical durability
30 Mcycles
Maximum operating rate
3600 cyc/h 60 °C
Complementary
Coil technology
Built-in bidirectional peak limiting diode suppressor
Control circuit voltage limits
0.1...0.3 Uc (-40…70 °C):drop-out DC
0.8...1.25 Uc (-40…60 °C):operational DC
1...1.25 Uc 140…158 °F (60…70 °C) operational DC
Time constant
40 ms
Inrush power in W
2.4 W (at 20 °C)
Hold-in power consumption in W
2.4 W at 20 °C
Auxiliary contacts type
type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1
type mirror contact 1 NC conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA for signalling circuit
Minimum switching voltage
17 V for signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm for signalling circuit
Contact compatibility
M5
Compatibility code
LC1D
Environment
IP degree of protection
IP20 front face conforming to IEC 60529
Protective treatment
TH conforming to IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…60 °C
60…70 °C with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...3000 m
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open: 2 Gn, 5...300 Hz
Vibrations contactor closed: 4 Gn, 5...300 Hz
Shocks contactor open: 10 Gn for 11 ms
Shocks contactor closed: 15 Gn for 11 ms
Height
3.03 in (77 mm)
Width
1.77 in (45 mm)
Depth
3.74 in (95 mm)
Net Weight
1.06 lb(US) (0.48 kg)
Ordering and shipping details
Category
22354 - CTR,TESYS D,OPEN,9-38A AC
Discount Schedule
I12
GTIN
00785901180227
Nbr. of units in pkg.
1
Package weight(Lbs)
1.16 lb(US) (0.53 kg)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.93 in (4.9 cm)
Package 1 width
4.37 in (11.1 cm)
3


同様の部品番号 - LC1D09JL

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D09JD SCHNEIDER-LC1D09JD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 12 VDC coil
More results

同様の説明 - LC1D09JL

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D09JD SCHNEIDER-LC1D09JD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 12 VDC coil
LC1D12JL SCHNEIDER-LC1D12JL Datasheet
125Kb / 4P
   TeSys D IEC contactor, 12 A, 3 P, 7.5 HP at 480 VAC, nonreversing, low consumption 12 VDC coil
LC1D09ED SCHNEIDER-LC1D09ED Datasheet
126Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 48 VDC coil
LC1D09MD SCHNEIDER-LC1D09MD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 220 VDC coil
LC1D09SD SCHNEIDER-LC1D09SD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 72 VDC coil
LC1D09CD SCHNEIDER-LC1D09CD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 36 VDC coil
LC1D09BD SCHNEIDER-LC1D09BD Datasheet
138Kb / 5P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 24 VDC coil
LC1D09UD SCHNEIDER-LC1D09UD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 250 VDC coil
LC1D09GD SCHNEIDER-LC1D09GD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 125 VDC coil
LC1D09ND SCHNEIDER-LC1D09ND Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 60 VDC coil
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com