データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1D09KUE データシート(PDF) 4 Page - Schneider Electric

部品番号 LC1D09KUE
部品情報  TeSys D Green IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 100-250 VAC/VDC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D09KUE データシート(HTML) 4 Page - Schneider Electric

  LC1D09KUE Datasheet HTML 1Page - Schneider Electric LC1D09KUE Datasheet HTML 2Page - Schneider Electric LC1D09KUE Datasheet HTML 3Page - Schneider Electric LC1D09KUE Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Package 2 Weight
13.86 lb(US) (6.288 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Halogen content performance
Halogen free plastic parts & cables product
Contractual warranty
Warranty
18 months
4


同様の部品番号 - LC1D09KUE

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D09K7 SCHNEIDER-LC1D09K7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 100 VAC 50/60 Hz coil
More results

同様の説明 - LC1D09KUE

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D09UD SCHNEIDER-LC1D09UD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 250 VDC coil
LC1D09ED SCHNEIDER-LC1D09ED Datasheet
126Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 48 VDC coil
LC1D09MD SCHNEIDER-LC1D09MD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 220 VDC coil
LC1D09SD SCHNEIDER-LC1D09SD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 72 VDC coil
LC1D09CD SCHNEIDER-LC1D09CD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 36 VDC coil
LC1D09BD SCHNEIDER-LC1D09BD Datasheet
138Kb / 5P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 24 VDC coil
LC1D09GD SCHNEIDER-LC1D09GD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 125 VDC coil
LC1D09JD SCHNEIDER-LC1D09JD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 12 VDC coil
LC1D09ND SCHNEIDER-LC1D09ND Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 60 VDC coil
LC1D18KUE SCHNEIDER-LC1D18KUE Datasheet
124Kb / 4P
   TeSys D Green IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 100-250 VAC/VDC coil
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com