データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

JT028-Y-CSL データシート(PDF) 1 Page - Mallory Sonalert Products Inc

部品番号. JT028-Y-CSL
部品情報  CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
ダウンロード  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MSPI [Mallory Sonalert Products Inc]
ホームページ  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

JT028-Y-CSL Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  JT028-Y-CSL データシート HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
29
PATENT NUMBER
D898600
10309594
Mallory Sonalert Products, Inc.
JT028-Y-CSL
Sales Outline Drawing
C
Specifications:
Stack Number:
1
LED Color:
YELLOW
Connection Wires:
Yellow and Brown
LED Current Draw:
<60 mA
Rated Voltage:
24 VAC/DC
Operating Voltage:
20-28 VAC/DC
Mode of Operation:
Continuous
Medium Pulse
(5PPS)
Double Pulse (0.5PPS)
Continuous for 5 sec then 0.1s beep until
reset
Sound Level Category:
Loud
Loud
Loud
Loud
Sound Current Draw:
40mA Max.
40mA Max.
40mA Max.
40mA Max.
Connection:
Black and Gray
Wires
Black and Gray
Wires; Orange wire
connected to
Black and Gray Wires; Purple
wire connected to Green/Yellow
wire
Black and Gray wires; Orange and Purple
wires connected to Green/Yellow wire
Loudness @ 1m:
80-85 dB(A) Typ.
Frequency:
2000 ± 500 Hz
Total Max Current:
<100mA with all LED's and sound unit working
Operating Temperature:
-25° ~ +60°C
Lens Color:
Opaque White
Material:
ABS FR15U
Inches (mm)
ROHS Compliant
Mounting Method:
Stainless Steel Pole
Weight Typical (g):
640
NEMA 12:
Approved
cUL Recognized
FOR CONT/BEEP, CONNECT GRAY & BLACK TO POWER AND ORANGE & PURPLE TO GREEN/YELLOW WIRE.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
LED OPERATION:
CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER.
SOUND OPERATION:
CONNECT GRAY AND BLACK WIRES TO POWER FOR CONTINUOUS SOUND.
FOR MEDIUM PULSE, CONNECT GRAY & BLACK TO POWER AND ORANGE WIRE TO GREEN/YELLOW WIRE.
FOR DOUBLE PULSE, CONNECT GRAY & BLACK TO POWER AND PURPLE WIRE TO GREEN/YELLOW WIRE.
Options:
Please contact factory.
Dimensions:


Html ページ

1 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn