データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JT028-YG-CSL データシート(PDF) 1 Page - Mallory Sonalert Products Inc

部品番号 JT028-YG-CSL
部品情報  CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSPI [Mallory Sonalert Products Inc]
ホームページ  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

JT028-YG-CSL データシート(HTML) 1 Page - Mallory Sonalert Products Inc

  JT028-YG-CSL Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
33
PATENT NUMBER
D898600
10309594
Mallory Sonalert Products, Inc.
JT028-YG-CSL
Sales Outline Drawing
D
Specifications:
Stack Number:
1
2
LED Color:
YELLOW
GREEN
Connection Wires:
Yellow and Brown
Green and Brown
LED Current Draw:
<60 mA
Rated Voltage:
24 VAC/DC
Operating Voltage:
20-28 VAC/DC
Mode of Operation:
Continuous
Medium Pulse
(5PPS)
Double Pulse (0.5PPS)
Continuous for 5 sec then 0.1s beep until
reset
Sound Level Category:
Loud
Loud
Loud
Loud
Sound Current Draw:
40mA Max.
40mA Max.
40mA Max.
40mA Max.
Connection:
Black and Gray
Wires
Black and Gray
Wires; Orange wire
connected to
Black and Gray Wires; Purple
wire connected to Green/Yellow
wire
Black and Gray wires; Orange and Purple
wires connected to Green/Yellow wire
Loudness @ 1m:
80-85 dB(A) Typ.
Frequency:
2000 ± 500 Hz
Total Max Current:
<140mA with all LED's and sound unit working
Operating Temperature:
-25° ~ +60°C
Lens Color:
Opaque White
Material:
ABS FR15U
Inches (mm)
ROHS Compliant
Mounting Method:
Stainless Steel Pole
Weight Typical (g):
685
NEMA 12:
Approved
cUL Recognized
FOR CONT/BEEP, CONNECT GRAY & BLACK TO POWER AND ORANGE & PURPLE TO GREEN/YELLOW WIRE.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
<40 mA
LED OPERATION:
CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER.
SOUND OPERATION:
CONNECT GRAY AND BLACK WIRES TO POWER FOR CONTINUOUS SOUND.
FOR MEDIUM PULSE, CONNECT GRAY & BLACK TO POWER AND ORANGE WIRE TO GREEN/YELLOW WIRE.
FOR DOUBLE PULSE, CONNECT GRAY & BLACK TO POWER AND PURPLE WIRE TO GREEN/YELLOW WIRE.
Options:
Please contact factory.
Dimensions:


同様の部品番号 - JT028-YG-CSL

メーカー部品番号データシート部品情報
logo
Mallory Sonalert Produc...
JT028-YG-CS MSPI-JT028-YG-CS Datasheet
44Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
More results

同様の説明 - JT028-YG-CSL

メーカー部品番号データシート部品情報
logo
Mallory Sonalert Produc...
JT028-R-CEL MSPI-JT028-R-CEL Datasheet
49Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CD MSPI-JT028-RG-CD Datasheet
43Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CDL MSPI-JT028-RG-CDL Datasheet
50Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CEL MSPI-JT028-RG-CEL Datasheet
51Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-Y-CDL MSPI-JT028-Y-CDL Datasheet
50Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-Y-CEL MSPI-JT028-Y-CEL Datasheet
52Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-YG-CD MSPI-JT028-YG-CD Datasheet
43Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-YG-CEL MSPI-JT028-YG-CEL Datasheet
51Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-G-CEL MSPI-JT120-G-CEL Datasheet
52Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-RYG-CE MSPI-JT120-RYG-CE Datasheet
46Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-Y-CD MSPI-JT120-Y-CD Datasheet
70Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com