データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JT120-G-CE データシート(PDF) 1 Page - Mallory Sonalert Products Inc

部品番号 JT120-G-CE
部品情報  CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSPI [Mallory Sonalert Products Inc]
ホームページ  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

JT120-G-CE データシート(HTML) 1 Page - Mallory Sonalert Products Inc

  JT120-G-CE Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
34
PATENT NUMBER
D898600
Specifications:
Mallory Sonalert Products, Inc.
JT120-G-CE
Sales Outline Drawing
B
Stack Number:
1
LED Color:
GREEN
Connection Wires:
Green and Brown
LED Current Draw:
<190 mA
Total Max Current:
<190mA
Operating Temperature:
-25° ~ +60°C
Rated Voltage:
120 VAC
Operating Voltage:
90-120 VAC
Lens Color:
Opaque White
Material:
ABS FR15U
Mounting Method:
Stainless Steel Pole - Black
Weight Typical (g):
540
NEMA 12:
Approved
Options:
Please contact factory.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
LED OPERATION:
CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER.


同様の部品番号 - JT120-G-CE

メーカー部品番号データシート部品情報
logo
Mallory Sonalert Produc...
JT120-G-CEL MSPI-JT120-G-CEL Datasheet
52Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
More results

同様の説明 - JT120-G-CE

メーカー部品番号データシート部品情報
logo
Mallory Sonalert Produc...
JT028-R-CEL MSPI-JT028-R-CEL Datasheet
49Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CD MSPI-JT028-RG-CD Datasheet
43Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CDL MSPI-JT028-RG-CDL Datasheet
50Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-RG-CEL MSPI-JT028-RG-CEL Datasheet
51Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-Y-CDL MSPI-JT028-Y-CDL Datasheet
50Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-Y-CEL MSPI-JT028-Y-CEL Datasheet
52Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-YG-CD MSPI-JT028-YG-CD Datasheet
43Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT028-YG-CEL MSPI-JT028-YG-CEL Datasheet
51Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-G-CEL MSPI-JT120-G-CEL Datasheet
52Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-RYG-CE MSPI-JT120-RYG-CE Datasheet
46Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
JT120-Y-CD MSPI-JT120-Y-CD Datasheet
70Kb / 1P
   CONNECT STACK COLOR WIRE TO POWER AND BROWN WIRE TO POWER
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com