データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XZCPA1865L5 データシート(PDF) 1 Page - Schneider Electric

部品番号 XZCPA1865L5
部品情報  pre-wired connectors XZ - straight female - 1/2"20 UNF - 3 pins - cable PVC 5m
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCPA1865L5 データシート(HTML) 1 Page - Schneider Electric

  XZCPA1865L5 Datasheet HTML 1Page - Schneider Electric XZCPA1865L5 Datasheet HTML 2Page - Schneider Electric XZCPA1865L5 Datasheet HTML 3Page - Schneider Electric XZCPA1865L5 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jan 4, 2021
1
Product data sheet
Characteristics
XZCPA1865L5
pre-wired connectors XZ - straight female -
1/2"20 UNF - 3 pins - cable PVC 5m
Main
Accessory / separate
part category
Cabling accessory
Accessory / separate
part type
Pre-wired connectors
Series name
Application
Complementary
Electrical connection
Straight female connector 1/2"20 UNF, 3 pins
Cable connector fixing
Screw-on
Collar material
Stainless steel 316L
Status LED
Without
Cable length
5 m
Cable outer diameter
5 mm
Cable composition
3 x 0.34 mm²
Wire insulation material
PVC
[Ue] rated operational voltage
250 V AC
300 V DC
[In] rated current
4 A
Contact resistance
5000 µOhm
Minimum insulating resistance
1 GΩ
Net weight
0.18 kg
Environment
IP degree of protection
IP69K
Ambient air temperature for operation
-25…85 °C static
Ambient air temperature for storage
-35…100 °C
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
192 g
Package 1 Height
3.8 cm
Package 1 width
15 cm
Package 1 Length
15 cm
Unit Type of Package 2
S02
Number of Units in Package 2
20
Package 2 Weight
4.173 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm


同様の部品番号 - XZCPA1865L5

メーカー部品番号データシート部品情報
logo
Schneider Electric
XZCPA1865L10 SCHNEIDER-XZCPA1865L10 Datasheet
91Kb / 4P
   pre-wired connectors XZ - straight female - 1/2"20 UNF - 3 pins - cable PVC 10m
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com