データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1D32BD データシート(PDF) 5 Page - Schneider Electric

部品番号 LC1D32BD
部品情報  TeSys D IEC contactor, 32 A, 3 P, 20 HP at 480 VAC, nonreversing, 24 VDC coil
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D32BD データシート(HTML) 5 Page - Schneider Electric

  LC1D32BD Datasheet HTML 1Page - Schneider Electric LC1D32BD Datasheet HTML 2Page - Schneider Electric LC1D32BD Datasheet HTML 3Page - Schneider Electric LC1D32BD Datasheet HTML 4Page - Schneider Electric LC1D32BD Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Product data sheet
Dimensions Drawings
LC1D32BD
Approximate Dimensions
5


同様の部品番号 - LC1D32BD

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC1D32B7 ETC2-LC1D32B7 Datasheet
64Kb / 1P
   Contactor (TeSys D) Non-Reversing, 32A(AC3) 50A(AC1), 3-Pole (3 NO)
logo
Schneider Electric
LC1D32BL SCHNEIDER-LC1D32BL Datasheet
134Kb / 5P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V DC coil
LC1D32BNE SCHNEIDER-LC1D32BNE Datasheet
124Kb / 4P
   TeSys D contactor 3P 32A AC-3 up to 440V coil 24-60V AC/DC
More results

同様の説明 - LC1D32BD

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D12CD SCHNEIDER-LC1D12CD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 12 A, 3 P, 7.5 HP at 480 VAC, nonreversing, 32 VDC coil
LC1D25BD SCHNEIDER-LC1D25BD Datasheet
167Kb / 5P
   TeSys D IEC contactor, 25 A, 3 P, 15 HP at 480 VAC, nonreversing, 24 VDC coil
LC1D18BD SCHNEIDER-LC1D18BD Datasheet
151Kb / 5P
   TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 24 VDC coil
LC1D12BD SCHNEIDER-LC1D12BD Datasheet
151Kb / 5P
   TeSys D IEC contactor, 12 A, 3 P, 7.5 HP at 480 VAC, nonreversing, 24 VDC coil
LC1D09BD SCHNEIDER-LC1D09BD Datasheet
138Kb / 5P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 24 VDC coil
LC1D09BNE SCHNEIDER-LC1D09BNE Datasheet
125Kb / 4P
   TeSys D Green IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 24-60 VAC/VDC coil
LC1D18BNE SCHNEIDER-LC1D18BNE Datasheet
124Kb / 4P
   TeSys D Green IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 24-60 VAC/VDC coil
LC1D12BNE SCHNEIDER-LC1D12BNE Datasheet
124Kb / 4P
   TeSys D Green IEC contactor, 12 A, 3 P, 7.5 HP at 480 VAC, nonreversing, 24-60 VAC/VDC coil
LC1D09UD SCHNEIDER-LC1D09UD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 250 VDC coil
LC1D12GD SCHNEIDER-LC1D12GD Datasheet
125Kb / 4P
   TeSys D IEC contactor, 12 A, 3 P, 7.5 HP at 480 VAC, nonreversing, 125 VDC coil
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com