データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AO4627 データシート(PDF) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

部品番号 AO4627
部品情報  N-Chanel and P-Channel MOSFET use advanced trench technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
ホームページ  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AO4627 データシート(HTML) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AO4627 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AO4627 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AO4627 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AO4627 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AO4627 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AO4627 Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AO4627 Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AO4627 Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.doingter.cn
4
tf
Fall Time
---
9.5
---
ns
Qg
Total Gate Charge
VGS=-10V, VDS=-15V,
ID=-6A
---
18.5
---
nC
---
9.6
---
Qgs
Gate-Source
Charge
---
2.7
---
nC
Qgd
Gate-Drain “Miller” Charge
---
4.5
---
nC
Drain-Source Diode Characteristics
Qrr
Reverse Recovery Charge
---
8.8
---
NC
Trr
20
N-Typical Characteristics: (T
C=25unless otherwise noted)
nC
---
---
IF=-6A
dI/dt=100A/μs
IF=-6A
dI/dt=100A/μs
Body Diode Reverse Recovery
Time
Notes:
A:The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C. The value in any a given application depends on the user's
specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C.The R θJA is the sum of the thermal impedance from junction to lead R θJL and lead to ambient.
D.The static characteristics in Figures 1 to 6,12,14 are obtained using 80 μs pulses, duty cycle 0.5%
max.
E.These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The SOA curve provides a single pulse rating.
AO4627


同様の部品番号 - AO4627

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AO4627 AOSMD-AO4627 Datasheet
569Kb / 9P
   30V Complementary MOSFET
logo
Guangdong Kexin Industr...
AO4627 KEXIN-AO4627 Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4627 VBSEMI-AO4627 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4627-HF KEXIN-AO4627-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
More results

同様の説明 - AO4627

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
SSG4543C DOINGTER-SSG4543C Datasheet
2Mb / 5P
   N-Chanel and P-Channel MOSFET use advanced trench technology
UTT10NP06L-S08-R DOINGTER-UTT10NP06L-S08-R Datasheet
3Mb / 7P
   N-Chanel and P-Channel MOSFET use advanced trench technology
AP4543GEM-HF DOINGTER-AP4543GEM-HF Datasheet
3Mb / 8P
   N-Chanel and P-Channel MOSFET use advanced trench technology
AM4534C DOINGTER-AM4534C Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
STC4567 DOINGTER-STC4567 Datasheet
2Mb / 5P
   N-Chanel and P-Channel MOSFET use advanced trench technology
VSO050M04MD DOINGTER-VSO050M04MD Datasheet
2Mb / 5P
   N-Chanel and P-Channel MOSFET use advanced trench technology
UP2790G-S08-R DOINGTER-UP2790G-S08-R Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
WSP4606 DOINGTER-WSP4606 Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
WSP6067 DOINGTER-WSP6067 Datasheet
3Mb / 7P
   N-Chanel and P-Channel MOSFET use advanced trench technology
AO4612 DOINGTER-AO4612 Datasheet
2Mb / 7P
   N-Chanel and P-Channel MOSFET use advanced trench technology
AO4618 DOINGTER-AO4618 Datasheet
3Mb / 9P
   N-Chanel and P-Channel MOSFET use advanced trench technology
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com