データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC3664 データシート(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC3664
部品情報  ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ADC3664 データシート(HTML) 32 Page - Texas Instruments

Back Button ADC3664 Datasheet HTML 28Page - Texas Instruments ADC3664 Datasheet HTML 29Page - Texas Instruments ADC3664 Datasheet HTML 30Page - Texas Instruments ADC3664 Datasheet HTML 31Page - Texas Instruments ADC3664 Datasheet HTML 32Page - Texas Instruments ADC3664 Datasheet HTML 33Page - Texas Instruments ADC3664 Datasheet HTML 34Page - Texas Instruments ADC3664 Datasheet HTML 35Page - Texas Instruments ADC3664 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Normalized Frequency (Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-120
-100
-80
-60
-40
-20
0
Decb
Passband
Transition Band
Alias Band
Attn Spec
Figure 8-27. Decimation by 16 complex frequency
response
Normalized Frequency (Fs)
0
0.003
0.006
0.009
0.012
0.015
0.018
0.021
0.024
0.027
0.03
-0.2
-0.19
-0.18
-0.17
-0.16
-0.15
-0.14
-0.13
-0.12
-0.11
-0.1
Decb
Passband
Transition Band
Alias Band
Attn Spec
Figure 8-28. Decimation by 16 complex passband
ripple response
Normalized Frequency (Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-120
-100
-80
-60
-40
-20
0
Decb
Passband
Transition Band
Alias Band
Attn Spec
Figure 8-29. Decimation by 32 complex frequency
response
Normalized Frequency (Fs)
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
-0.25
-0.245
-0.24
-0.235
-0.23
-0.225
-0.22
-0.215
-0.21
-0.205
-0.2
Decb
Passband
Transition Band
Alias Band
Attn Spec
Figure 8-30. Decimation by 32 complex passband
ripple response
8.3.4.6 SYNC
The PDN/SYNC pin can be used to synchronize multiple devices using an external SYNC signal. The PDN/
SYNC pin can be configured via SPI (SYNC EN bit) from power down to synchronization functionality and is
latched in by the rising edge of the sampling clock as shown in Figure 8-31.
CLK
tS,SYNC
tH,SYNC
SYNC
Figure 8-31. External SYNC timing diagram
The synchronization signal is only required when using the decimation filter - either using the SPI SYNC register
or the PDN/SYNC pin. It resets internal clock dividers used in the decimation filter and aligns the internal clocks
as well as I and Q data within the same sample. If no SYNC signal is given the internal clock dividers will not be
synchronized, which can lead to a fractional delay across different devices. The SYNC signal also resets the
NCO phase and loads the new NCO frequency (same as the MIXER RESTART bit).
When trying to resynchronize during operation, the SYNC toggle should occur at 64*K clock cycles, where K is
an integer. This ensures phase continuity of the clock divider.
ADC3664
SBAS888 – DECEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3664


同様の部品番号 - ADC3664

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
More results

同様の説明 - ADC3664

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC3644 TI-ADC3644 Datasheet
4Mb / 76P
[Old version datasheet]   ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
ADC3544 TI-ADC3544 Datasheet
3Mb / 79P
[Old version datasheet]   ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC
DECEMBER 2022
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com