データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC3664 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC3664
部品情報  ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ADC3664 データシート(HTML) 6 Page - Texas Instruments

Back Button ADC3664 Datasheet HTML 2Page - Texas Instruments ADC3664 Datasheet HTML 3Page - Texas Instruments ADC3664 Datasheet HTML 4Page - Texas Instruments ADC3664 Datasheet HTML 5Page - Texas Instruments ADC3664 Datasheet HTML 6Page - Texas Instruments ADC3664 Datasheet HTML 7Page - Texas Instruments ADC3664 Datasheet HTML 8Page - Texas Instruments ADC3664 Datasheet HTML 9Page - Texas Instruments ADC3664 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
6.5 Electrical Characteristics - Power Consumption
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 125 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, external 1.6V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3664: 125 MSPS
IAVDD
Analog supply current
External reference
64
80
mA
IIOVDD
I/O supply current
SLVDS 2-wire
47
72
PDIS
Power dissipation
External reference, 2-wire
200
274
mW
IIOVDD
I/O supply current
2-wire, 1/2-swing
35
mA
4x real decimation, 16-bit, 1-wire
50
16x real decimation, 16-bit, 1-wire
45
16x real decimation, 16-bit, 1/2-wire
41
4x complex decimation, 16-bit, 1-wire
57
8x complex decimation, 16-bit, 1-wire
54
8x complex decimation, 16-bit, 1/2-wire
50
16x complex decimation, 16-bit, 1-wire
50
16x complex decimation, 16-bit, 1/2-wire
47
32x complex decimation, 16-bit, 1-wire
48
32x complex decimation, 16-bit, 1/2-wire
43
MISCELLANOUS
IAVDD
Internal reference, additional analog
supply current
Enabled via SPI
4
mA
External 1.2V reference (REFBUF),
additional analog supply current
0.5
Single ended clock input, reduces
analog supply current by
1
PDIS
Power consumption in global power
down mode
Default mask settings
12
mW
ADC3664
SBAS888 – DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3664


同様の部品番号 - ADC3664

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3664 TI-ADC3664 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3664 TI-ADC3664 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
More results

同様の説明 - ADC3664

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC3644 TI-ADC3644 Datasheet
4Mb / 76P
[Old version datasheet]   ADC3644 14-bit, 125-MSPS, Low-noise, Low Power Dual Channel ADC
MAY 2022
ADC3544 TI-ADC3544 Datasheet
3Mb / 79P
[Old version datasheet]   ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC
DECEMBER 2022
ADC3564 TI-ADC3564 Datasheet
4Mb / 72P
[Old version datasheet]   ADC3564 14-Bit, 125-MSPS, Low-Noise, Ultra-Low Power ADC
AUGUST 2022
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
[Old version datasheet]   ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3541 TI1-ADC3541 Datasheet
3Mb / 68P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
[Old version datasheet]   ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com