データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC3683 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC3683
部品情報  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ADC3683 データシート(HTML) 7 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 3Page - Texas Instruments ADC3683 Datasheet HTML 4Page - Texas Instruments ADC3683 Datasheet HTML 5Page - Texas Instruments ADC3683 Datasheet HTML 6Page - Texas Instruments ADC3683 Datasheet HTML 7Page - Texas Instruments ADC3683 Datasheet HTML 8Page - Texas Instruments ADC3683 Datasheet HTML 9Page - Texas Instruments ADC3683 Datasheet HTML 10Page - Texas Instruments ADC3683 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
6.6 Electrical Characteristics - DC Specifications
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, 1.6 V external reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
No missing codes
18
bits
PSRR
FIN = 1 MHz
50
dB
ADC3681: 10 MSPS
DNL
Differential nonlinearity
FIN = 1 MHz
± 0.7
LSB
INL
Integral nonlinearity
FIN = 1 MHz
± 7
LSB
VOS_ERR
Offset error
130
LSB
VOS_DRIFT
Offset drift over temperature
TBD
LSB/ºC
GAINERR
Gain error
External 1.6V Reference
0.83
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6V Reference
TBD
ppm/ºC
GAINERR
Gain error
Internal Reference
TBD
%FSR
GAINDRIFT
Gain drift over temperature
Internal Reference
TBD
dB
Transition Noise
5
LSB
ADC3682: 25 MSPS
DNL
Differential nonlinearity
FIN = 1 MHz
± 0.7
LSB
INL
Integral nonlinearity
FIN = 1 MHz
± 7
LSB
VOS_ERR
Offset error
130
LSB
VOS_DRIFT
Offset drift over temperature
TBD
LSB/ºC
GAINERR
Gain error
External 1.6V Reference
0.83
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6V Reference
TBD
ppm/ºC
GAINERR
Gain error
Internal Reference
TBD
%FSR
GAINDRIFT
Gain drift over temperature
Internal Reference
TBD
dB
Transition Noise
5
LSB
ADC3683: 65 MSPS
DNL
Differential nonlinearity
FIN = 1 MHz
± 0.7
± 0.9
LSB
INL
Integral nonlinearity
FIN = 1 MHz
± 7
± 19
LSB
VOS_ERR
Offset error
100
510
LSB
VOS_DRIFT
Offset drift over temperature
-3.5
LSB/ºC
GAINERR
Gain error
External 1.6V Reference
0.35
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6V Reference
10
ppm/ºC
GAINERR
Gain error
Internal Reference
2.4
%FSR
GAINDRIFT
Gain drift over temperature
Internal Reference
108
ppm/ºC
Transition Noise
5
LSB
www.ti.com
ADC3683
SBAS872 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADC3683


同様の部品番号 - ADC3683

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3683 TI-ADC3683 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI1-ADC3683 Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
ADC3683-SP TI1-ADC3683-SP Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
More results

同様の説明 - ADC3683

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3660 TI-ADC3660 Datasheet
4Mb / 77P
[Old version datasheet]   ADC3660 16-Bit, 0.5 to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com