データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC3683 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC3683
部品情報  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ADC3683 データシート(HTML) 3 Page - Texas Instruments

  ADC3683 Datasheet HTML 1Page - Texas Instruments ADC3683 Datasheet HTML 2Page - Texas Instruments ADC3683 Datasheet HTML 3Page - Texas Instruments ADC3683 Datasheet HTML 4Page - Texas Instruments ADC3683 Datasheet HTML 5Page - Texas Instruments ADC3683 Datasheet HTML 6Page - Texas Instruments ADC3683 Datasheet HTML 7Page - Texas Instruments ADC3683 Datasheet HTML 8Page - Texas Instruments ADC3683 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
PDN/SYNC
VREF
REFGND
REFBUF
AVDD
CLKP
CLKM
VCM
RESET
SDIO
IOVDD
IOVDD
FCLKM
FCLKP
NC
IOGND
DCLKINP
DCLKINM
DCLKP
DCLKM
GND PAD (backside)
Figure 5-1. RSB Package, 40-Pin WQFN, Top View
Table 5-1. Pin Descriptions
PIN
I/O
Description
Name
No.
INPUT/REFERENCE
AINP
12
I
Positive analog input, channel A
AINM
13
I
Negative analog input, channel A
BINP
39
I
Positive analog input, channel B
BINM
38
I
Negative analog input, channel B
VCM
8
O
Common-mode voltage output for the analog inputs, 0.95V
VREF
2
I
External voltage reference input, 1.6V
REFBUF
4
I
1.2V external voltage reference input for use with internal reference buffer. Internal 100 kΩ
pull-up resistor to AVDD. This pin is also used to configure default operating conditions.
REFGND
3
I
Reference ground input
CLOCK
CLKP
6
I
Positive differential sampling clock input for the ADC
CLKM
7
I
Negative differential sampling clock input for the ADC
CONFIGURATION
PDN/SYNC
1
I
Power down/Synchronization input. This pin can be configured via the SPI interface. Active
high. This pin has an internal 21 kΩ pull-down resistor.
RESET
9
I
Hardware reset. Active high. This pin has an internal 21 kΩ pull-down resistor.
SEN
16
I
Serial interface enable. Active low. This pin has an internal 21 kΩ pull-up resistor to AVDD.
SCLK
35
I
Serial interface clock input. This pin has an internal 21 kΩ pull-down resistor.
SDIO
10
I/O
Serial interface data input and output. This pin has an internal 21 kΩ pull-down resistor.
NC
27
-
Do not connect
DIGITAL INTERFACE
www.ti.com
ADC3683
SBAS872 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADC3683


同様の部品番号 - ADC3683

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3683 TI-ADC3683 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI1-ADC3683 Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
ADC3683-SP TI1-ADC3683-SP Datasheet
3Mb / 70P
[Old version datasheet]   ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
MARCH 2024
More results

同様の説明 - ADC3683

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
[Old version datasheet]   ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
[Old version datasheet]   ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3663 TI-ADC3663 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, low-noise, low power, dual-channel ADC
ADC3662 TI-ADC3662 Datasheet
4Mb / 75P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
DECEMBER 2021
ADC3661 TI-ADC3661_V01 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3661 TI-ADC3661 Datasheet
5Mb / 86P
[Old version datasheet]   ADC366x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power, Dual-Channel ADC
REVISED SEPTEMBER 2022
ADC3660 TI-ADC3660 Datasheet
4Mb / 77P
[Old version datasheet]   ADC3660 16-Bit, 0.5 to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com