データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BQ25672 データシート(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
部品番号 BQ25672
部品情報  BQ25672 I2C Controlled, 1-4 Cell, 3-A Buck Battery Charger with Dual-Input Selector and Integrated ADC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

BQ25672 データシート(HTML) 31 Page - Texas Instruments

Back Button BQ25672 Datasheet HTML 27Page - Texas Instruments BQ25672 Datasheet HTML 28Page - Texas Instruments BQ25672 Datasheet HTML 29Page - Texas Instruments BQ25672 Datasheet HTML 30Page - Texas Instruments BQ25672 Datasheet HTML 31Page - Texas Instruments BQ25672 Datasheet HTML 32Page - Texas Instruments BQ25672 Datasheet HTML 33Page - Texas Instruments BQ25672 Datasheet HTML 34Page - Texas Instruments BQ25672 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
8.3.8.3 Charging Termination
The device terminates a charge cycle when the battery voltage is above the recharge threshold, the converter is
operated in the battery constant voltage regulation loop and the current is below the termination current. After
the charging cycle is completed, the BATFET turns off. The converter keeps running to power the system and
the BATFET can turn on again if the supplement mode is triggered.
When termination is done, the status register CHG_STAT is set to 111 and an INT pulse is asserted to the host.
Termination is temporarily disabled when the charger device is in input current (IINDPM), input voltage
(VINDPM) or thermal (TREG) regulation. Termination can be permanently disabled by writing 0 to EN_TERM bit
prior to charging termination. Writing 0 to EN_TERM when the termination already occurred or in the top-off
charging stage does not disable termination, until the next charging cycle has been restarted. If termination is
reenabled by setting EN_TERM = 1 during the current charge cycle, the change is applied immediately to the
current charging cycle.
At low termination currents (like 40mA to 160mA), due to the comparator offset, the actual termination current
may be up to 20%~40% higher than the termination target. In order to compensate for the comparator offset, a
programmable top-off timer (default disabled) can be activated after termination is detected. Whlie the top-off
timer is running, the device continues to charge the battery in constant voltage mode (BATFET stays on) until the
top-off time expires. The top-off timer follows safety timer constraints, such that if the safety timer is suspended,
so is the top-off timer. And if the safety timer is doubled, so is the top-off timer. CHG_STAT reports whether the
top off timer is active via the 110 code. Once the top-off timer expires, the CHG_STAT register is set to 111 and
an INT pulse is asserted to the host.
The top-off timer gets reset (set to 0 and counting resumes when appropriate) for any of the following conditions:
1. Charge disable to enable
2. Termination status low to high
3. REG_RST register bit is set (disables top-off timer)
Once the charger detects termination, the charger reads the top-off timer (TOPOFF_TMR) settings.
Programming the top-off timer value after termination has no effect unless a recharge cycle is initiated. The top-
off timer only starts to count when the charger's termination criteria are met. If EN_TERM = 0, the charger never
terminates charging, so the top-off timer does not start counting, even if it is enabled. An INT is asserted to the
host when the top-off timer starts counting as well as when the top-off timer expires. All charge cycle related INT
pulses (including top-off timer INT pulse) can be masked by CHG_MASK bit.
8.3.8.4 Charging Safety Timer
The device has a built-in safety timer to prevent an extended charging cycle due to abnormal battery conditions.
The user can program the fast charge safety timer through I2C (CHG_TMR bits). When the fast charge safety
timer expires, the fault register CHG_TMR_STAT bit is set to 1, and an INT pulse is asserted to the host. The
trickle charge timer is fixed 1 hour. The pre-charge safety timer is adjustable 2 hours (POR default) or 0.5 hour.
The fast charging timer POR default setting is 12 hours.
The trickle charge, pre-charge and fast charge safety timers can be disabled by setting EN_TRICHG_TMR,
EN_PRECHG_TMR or EN_CHG_TMR bit to 0. Each charging safety timer can be enabled anytime regardless
of the current charging state. Each timer restarts counting when it is enabled. As soon as each charging stage is
initiated, the associated safety timer starts to count, which is illustrated in the battery charging profile chart
shown in the section Battery Charging Profile.
During input voltage, current or thermal regulation, the safety timer counts at half-clock rate as the actual charge
current is likely to be below the register setting. For example, if the charger is in input current regulation
(IINDPM_STAT = 1) throughout the whole charging cycle, and the safety timer is set to 5 hours, then the timer
will expire in 10 hours. This half-clock rate feature can be disabled by setting TMR2X_EN = 0. If the host
disables the half-clock rate while the charger is already running at half-clock rate, the charger keeps running at
the half-clock rate and the half-clock rate is not disabled until the charger exit the voltage, current or thermal
regulation.
www.ti.com
BQ25672
SLUSEB9 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: BQ25672


同様の部品番号 - BQ25672

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFR TI1-BQ25600CYFFR Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFT TI1-BQ25600CYFFT Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600D TI1-BQ25600D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results

同様の説明 - BQ25672

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
[Old version datasheet]   BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
BQ25790 TI1-BQ25790 Datasheet
2Mb / 133P
[Old version datasheet]   BQ25790 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector and USB PD 3.0 OTG Output
BQ25792 TI1-BQ25792 Datasheet
1Mb / 129P
[Old version datasheet]   BQ25792 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector and USB PD 3.0 OTG Output
BQ25798 TI-BQ25798 Datasheet
3Mb / 139P
[Old version datasheet]   BQ25798 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Solar Battery Charger with Dual-Input Selector and MPPT for Small Photovoltaic Panel
BQ25980 TI-BQ25980 Datasheet
1Mb / 10P
[Old version datasheet]   BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector
BQ25960H TI1-BQ25960H Datasheet
2Mb / 82P
[Old version datasheet]   BQ25960H I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
DECEMBER 2023
BQ25960 TI-BQ25960 Datasheet
1Mb / 72P
[Old version datasheet]   BQ25960 I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
[Old version datasheet]   BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
[Old version datasheet]   BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
[Old version datasheet]   BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com