データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BQ25672 データシート(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
部品番号 BQ25672
部品情報  BQ25672 I2C Controlled, 1-4 Cell, 3-A Buck Battery Charger with Dual-Input Selector and Integrated ADC
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

BQ25672 データシート(HTML) 40 Page - Texas Instruments

Back Button BQ25672 Datasheet HTML 36Page - Texas Instruments BQ25672 Datasheet HTML 37Page - Texas Instruments BQ25672 Datasheet HTML 38Page - Texas Instruments BQ25672 Datasheet HTML 39Page - Texas Instruments BQ25672 Datasheet HTML 40Page - Texas Instruments BQ25672 Datasheet HTML 41Page - Texas Instruments BQ25672 Datasheet HTML 42Page - Texas Instruments BQ25672 Datasheet HTML 43Page - Texas Instruments BQ25672 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
Slave Address
R/W
1
1
0
1
0
1
1
Figure 8-17. 7-Bit Addressing (0x6B)
SCL
SDA
START
S
1-7
8
9
ACK
1-7
8
9
ACK
1-7
8
9
STOP
P
ADDRESS
R/W
DATA
ACK
DATA
Figure 8-18. Complete Data Transfer on the I2C Bus
8.3.13.6 Single Write and Read
Figure 8-19. Single Write
Figure 8-20. Single Read
If the register address is not defined, the charger IC sends back NACK and returns to the idle state.
8.3.13.7 Multi-Write and Multi-Read
The charger device supports multi-read and multi-write of all registers.
Figure 8-21. Multi-Write
BQ25672
SLUSEB9 – DECEMBER 2020
www.ti.com
40
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25672


同様の部品番号 - BQ25672

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFR TI1-BQ25600CYFFR Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFT TI1-BQ25600CYFFT Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600D TI1-BQ25600D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results

同様の説明 - BQ25672

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
[Old version datasheet]   BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
BQ25790 TI1-BQ25790 Datasheet
2Mb / 133P
[Old version datasheet]   BQ25790 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector and USB PD 3.0 OTG Output
BQ25792 TI1-BQ25792 Datasheet
1Mb / 129P
[Old version datasheet]   BQ25792 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector and USB PD 3.0 OTG Output
BQ25798 TI-BQ25798 Datasheet
3Mb / 139P
[Old version datasheet]   BQ25798 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Solar Battery Charger with Dual-Input Selector and MPPT for Small Photovoltaic Panel
BQ25980 TI-BQ25980 Datasheet
1Mb / 10P
[Old version datasheet]   BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector
BQ25960H TI1-BQ25960H Datasheet
2Mb / 82P
[Old version datasheet]   BQ25960H I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
DECEMBER 2023
BQ25960 TI-BQ25960 Datasheet
1Mb / 72P
[Old version datasheet]   BQ25960 I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
[Old version datasheet]   BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
[Old version datasheet]   BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
[Old version datasheet]   BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com