データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRV8955 データシート(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
部品番号 DRV8955
部品情報  DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DRV8955 データシート(HTML) 35 Page - Texas Instruments

Back Button DRV8955 Datasheet HTML 31Page - Texas Instruments DRV8955 Datasheet HTML 32Page - Texas Instruments DRV8955 Datasheet HTML 33Page - Texas Instruments DRV8955 Datasheet HTML 34Page - Texas Instruments DRV8955 Datasheet HTML 35Page - Texas Instruments DRV8955 Datasheet HTML 36Page - Texas Instruments DRV8955 Datasheet HTML 37Page - Texas Instruments DRV8955 Datasheet HTML 38Page - Texas Instruments DRV8955 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
28X (1.5)
28X (0.45)
26X (0.65)
(5.8)
(R0.05) TYP
(3.4)
NOTE 9
(9.7)
NOTE 9
(1.2) TYP
(0.6)
(1.2) TYP
(
0.2) TYP
VIA
(3.1)
(4.05)
PowerPAD TSSOP - 1.2 mm max height
PWP0028M
SMALL OUTLINE PACKAGE
4224480/A 08/2018
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
10. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged
or tented.
TM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 8X
SYMM
SYMM
1
14
15
28
METAL COVERED
BY SOLDER MASK
SOLDER MASK
DEFINED PAD
SEE DETAILS
15.000
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED METAL
EXPOSED METAL
NON-SOLDER MASK
SOLDER MASK DETAILS
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
www.ti.com
DRV8955
SLOSE71 – APRIL 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DRV8955


同様の部品番号 - DRV8955

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8952 TI-DRV8952 Datasheet
2Mb / 56P
[Old version datasheet]   DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs
MARCH 2023
DRV8952DDWR TI-DRV8952DDWR Datasheet
2Mb / 56P
[Old version datasheet]   DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs
MARCH 2023
DRV8952PWPR TI-DRV8952PWPR Datasheet
2Mb / 56P
[Old version datasheet]   DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs
MARCH 2023
More results

同様の説明 - DRV8955

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8932 TI-DRV8932 Datasheet
2Mb / 40P
[Old version datasheet]   DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
DRV8935 TI-DRV8935 Datasheet
3Mb / 42P
[Old version datasheet]   DRV8935 Quad Half-Bridge Driver With Integrated Current Sense
logo
Analog Devices
MAX22208 AD-MAX22208 Datasheet
323Kb / 19P
   65V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101619; Rev 0; 8/23
MAX22213 AD-MAX22213 Datasheet
373Kb / 20P
   36V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101603; Rev 0; 8/23
logo
Texas Instruments
DRV8143-Q1 TI1-DRV8143-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8144-Q1 TI-DRV8144-Q1 Datasheet
2Mb / 66P
[Old version datasheet]   DRV8144-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V02 Datasheet
2Mb / 65P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8143-Q1 TI-DRV8143-Q1_V01 Datasheet
3Mb / 71P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V03 Datasheet
3Mb / 69P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com