データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRV8955 データシート(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
部品番号 DRV8955
部品情報  DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DRV8955 データシート(HTML) 25 Page - Texas Instruments

Back Button DRV8955 Datasheet HTML 21Page - Texas Instruments DRV8955 Datasheet HTML 22Page - Texas Instruments DRV8955 Datasheet HTML 23Page - Texas Instruments DRV8955 Datasheet HTML 24Page - Texas Instruments DRV8955 Datasheet HTML 25Page - Texas Instruments DRV8955 Datasheet HTML 26Page - Texas Instruments DRV8955 Datasheet HTML 27Page - Texas Instruments DRV8955 Datasheet HTML 28Page - Texas Instruments DRV8955 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
TJ = 25°C + (2.181-W x 29.7°C/W) = 89.78 °C
The junction temperature for the VQFN package is calculated as -
TJ = 25°C + (2.181-W x 39°C/W) = 110.06 °C
It should be ensured that the device junction temperature is within the specified operating region.
8.2.2.3 Application Curves
CH1 = IN1 (3 V/div), CH3 = OUT1 (24 V/div), CH7 = IOUT1 (1.5 A/div)
Figure 8-2. Current Regulation with VM-connected Load
CH1 = IN1 (3 V/div), CH3 = OUT1 (24 V/div)
Figure 8-3. Input-to-Output Propagation Delay
www.ti.com
DRV8955
SLOSE71 – APRIL 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DRV8955


同様の部品番号 - DRV8955

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8952 TI-DRV8952 Datasheet
2Mb / 56P
[Old version datasheet]   DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs
MARCH 2023
DRV8952DDWR TI-DRV8952DDWR Datasheet
2Mb / 56P
[Old version datasheet]   DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs
MARCH 2023
DRV8952PWPR TI-DRV8952PWPR Datasheet
2Mb / 56P
[Old version datasheet]   DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs
MARCH 2023
More results

同様の説明 - DRV8955

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8932 TI-DRV8932 Datasheet
2Mb / 40P
[Old version datasheet]   DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
DRV8935 TI-DRV8935 Datasheet
3Mb / 42P
[Old version datasheet]   DRV8935 Quad Half-Bridge Driver With Integrated Current Sense
logo
Analog Devices
MAX22208 AD-MAX22208 Datasheet
323Kb / 19P
   65V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101619; Rev 0; 8/23
MAX22213 AD-MAX22213 Datasheet
373Kb / 20P
   36V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101603; Rev 0; 8/23
logo
Texas Instruments
DRV8143-Q1 TI1-DRV8143-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8144-Q1 TI-DRV8144-Q1 Datasheet
2Mb / 66P
[Old version datasheet]   DRV8144-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V02 Datasheet
2Mb / 65P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8143-Q1 TI-DRV8143-Q1_V01 Datasheet
3Mb / 71P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V03 Datasheet
3Mb / 69P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com