データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P0903BDL データシート(PDF) 5 Page - VBsemi Electronics Co.,Ltd

部品番号 P0903BDL
部品情報  N-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VBSEMI [VBsemi Electronics Co.,Ltd]
ホームページ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

P0903BDL データシート(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  P0903BDL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd P0903BDL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd P0903BDL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd P0903BDL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd P0903BDL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd P0903BDL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd P0903BDL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd P0903BDL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
*The power dissipation PD is based on TJ(max) = 175 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Package Limited
Power Derating
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
C - Case Temperature (°C)
T
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10- 4
10- 3
10- 2
10- 1
1
10
0.2
0.1
Duty Cycle = 0.5
Single Pulse
0.05
0.02
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
P0903BDL
5


同様の部品番号 - P0903BDL

メーカー部品番号データシート部品情報
logo
Wuxi U-NIKC Semiconduct...
P0903BD UNIKC-P0903BD Datasheet
907Kb / 5P
   N-Channel Enhancement Mode MOSFET
logo
List of Unclassifed Man...
P0903BDG ETC2-P0903BDG Datasheet
285Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P0903BDG UNIKC-P0903BDG Datasheet
537Kb / 5P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
P0903BDG VBSEMI-P0903BDG Datasheet
1,017Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - P0903BDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com