データシートサーチシステム |
|
LC1D50A3LE7 データシート(PDF) 2 Page - Schneider Electric |
|
LC1D50A3LE7 データシート(HTML) 2 Page - Schneider Electric |
2 / 3 page [Ith] conventional free air thermal current 10 A 140 °F (60 °C) signalling circuit 80 A (at 60 °C) for power circuit Irms rated making capacity 140 A AC signalling circuit IEC 60947-5-1 250 A DC signalling circuit IEC 60947-5-1 900 A 440 V power circuit IEC 60947 Rated breaking capacity 900 A 440 V power circuit IEC 60947 [Icw] rated short-time withstand current 400 A 40 °C - 10 s for power circuit 810 A 40 °C - 1 s for power circuit 84 A 40 °C - 10 min for power circuit 208 A 40 °C - 1 min for power circuit 100 A - 1 s signalling circuit 120 A - 500 ms signalling circuit 140 A - 100 ms signalling circuit Associated fuse rating 10 A gG signalling circuit IEC 60947-5-1 100 A gG <= 690 V type 1 power circuit 100 A gG <= 690 V type 2 power circuit Average impedance 1.5 mOhm - Ith 80 A 50 Hz for power circuit [Ui] rated insulation voltage Power circuit: 600 V CSA certified Power circuit: 600 V UL certified Signalling circuit 690 V IEC 60947-1 Signalling circuit 600 V CSA Signalling circuit 600 V UL Power circuit 690 V IEC 60947-4-1 Electrical durability 1.45 Mcycles 50 A AC-3 <= 440 V 1.1 Mcycles 80 A AC-1 <= 440 V Power dissipation per pole 3.7 W AC-3 9.6 W AC-1 Front cover With Mounting support Plate Rail Standards CSA C22.2 No 14 EN 60947-4-1 EN 60947-5-1 IEC 60947-4-1 IEC 60947-5-1 UL 508 Product certifications CSA DNV GOST LROS (Lloyds register of shipping) RINA BV UL CCC GL Connections - terminals Control circuit spring terminals 1 0.00 in² (2.5 mm²)flexible without cable end Control circuit spring terminals 2 0.00 in² (2.5 mm²)flexible without cable end Power circuit spring clamp terminal 1 0.00…0.05 in² (1…35 mm²)flexible without cable end Power circuit spring clamp terminal 2 0.00…0.04 in² (1…25 mm²)flexible without cable end Power circuit spring clamp terminal 1 0.00…0.05 in² (1…35 mm²)flexible with cable end Power circuit spring clamp terminal 2 0.00…0.04 in² (1…25 mm²)flexible with cable end Power circuit spring clamp terminal 1 0.00…0.05 in² (1…35 mm²)solid without cable end Power circuit spring clamp terminal 2 0.00…0.04 in² (1…25 mm²)solid without cable end Tightening torque Power circuit: 8 N.m - on EverLink BTR screw connectors - cable 25…35 mm² hexagonal screw head 4 mm Power circuit 44.25 lbf.in (5 N.m) EverLink BTR screw connectors 0.00…0.04 in² (2.5…25 mm²) hexagonal 0.16 in (4 mm) Operating time 4...19 ms opening 12...26 ms closing Safety reliability level B10d = 1369863 cycles contactor with nominal load conforming to EN/ISO 13849-1 B10d = 20000000 cycles contactor with mechanical load conforming to EN/ISO 13849-1 Mechanical durability 6 Mcycles Maximum operating rate 3600 cyc/h 60 °C Complementary Coil technology Without built-in suppressor module 2 |
同様の部品番号 - LC1D50A3LE7 |
|
同様の説明 - LC1D50A3LE7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |