データシートサーチシステム |
|
LC1D50A3LE7 データシート(PDF) 3 Page - Schneider Electric |
|
LC1D50A3LE7 データシート(HTML) 3 Page - Schneider Electric |
3 / 3 page Control circuit voltage limits 0.3...0.6 Uc (-40…70 °C):drop-out AC 60 Hz 0.85...1.1 Uc -40…140 °F (-40…60 °C) operational AC 60 Hz 1...1.1 Uc (60…70 °C):operational AC 60 Hz Inrush power in VA 140 VA 60 Hz cos phi 0.75 (at 20 °C) Hold-in power consumption in VA 13 VA 60 Hz cos phi 0.3 (at 20 °C) Heat dissipation 4…5 W at 60 Hz Auxiliary contacts type type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1 type mirror contact 1 NC conforming to IEC 60947-4-1 Signalling circuit frequency 25...400 Hz Minimum switching current 5 mA signalling circuit Minimum switching voltage 17 V signalling circuit Non-overlap time 1.5 ms on de-energisation between NC and NO contact 1.5 ms on energisation between NC and NO contact Insulation resistance > 10 MOhm signalling circuit Contact compatibility M2 Compatibility code LC1D Environment IP degree of protection IP20 front face IEC 60529 Protective treatment TH IEC 60068-2-30 Pollution degree 3 Ambient air temperature for operation -40…140 °F (-40…60 °C) 140…158 °F (60…70 °C) with derating Ambient air temperature for storage -76…176 °F (-60…80 °C) Operating altitude 0...9842.52 ft (0...3000 m) Fire resistance 850 °C conforming to IEC 60695-2-1 Flame retardance V1 conforming to UL 94 Mechanical robustness Vibrations contactor open2 Gn, 5...300 Hz Vibrations contactor closed4 Gn, 5...300 Hz Shocks contactor closed15 Gn for 11 ms Shocks contactor open10 Gn for 11 ms Height 4.80 in (122 mm) Width 2.17 in (55 mm) Depth 4.72 in (120 mm) Net Weight 1.88 lb(US) (0.855 kg) Ordering and shipping details Category 22357 - CTR,TESYS D,OPEN,40-65A AC Discount Schedule I12 GTIN 03389118327696 Nbr. of units in pkg. 1 Package weight(Lbs) 1.87 lb(US) (0.85 kg) Returnability No Country of origin FR Packing Units Package 1 Height 0.600 dm Package 1 width 1.400 dm Package 1 Length 1.500 dm Contractual warranty Warranty 18 months 3 |
同様の部品番号 - LC1D50A3LE7 |
|
同様の説明 - LC1D50A3LE7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |